Electronic Components Datasheet Search
  English  ▼

X  

PDUI-US06B Datasheet(PDF) 1 Page - Belden Inc.

Part # PDUI-US06B
Description  PDU Basic St H SW 230V 16A 2PE (6)UK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

PDUI-US06B Datasheet(HTML) 1 Page - Belden Inc.

  PDUI-US06B Datasheet HTML 1Page - Belden Inc. PDUI-US06B Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: PDUI-US06B
PDU Basic St H SW 230V 16A 2P+E (6)UK
Product Description
PDU, Basic Standard, 16A, 230V, 3.6kW, Horizontal, Switched, (6) BS1363, 3m power cord with 1P+N+E (IP44)
Technical Drawing
Technical Specifications
Application
Environmental Space:
Indoor
Power Distribution Type:
Basic Standard
Construction and Dimensions
Height:
44 mm
Width:
483 mm
Depth:
50 mm
Electrical Characteristics
Input voltage:
200-240 V
Rated Current*:
16 A
Input frequency:
50/60 Hz
VA per Input (Load Capacity):
3.6 kW
Mechanical Construction
On-Off Switch:
Yes
Plug Type:
IEC60309 2P + E, 16A, 250V, Splashproof IP44
Quantity Of Inputs:
1
Power Entry Location:
Rear
Receptacle 1 Type:
BS1363
Receptacle 1 Quantity:
6


Similar Part No. - PDUI-US06B

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PDUI-US12B BELDEN-PDUI-US12B Datasheet
284Kb / 2P
PDU Basic St V SW 230V 16A 2PE (12)UK
05-11-2022
More results

Similar Description - PDUI-US06B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP7551 ETC2-AP7551 Datasheet
16Kb / 1P
Basic Rack PDU
AP9564 ETC2-AP9564 Datasheet
49Kb / 1P
Basic Rack PDU
AP9570 ETC2-AP9570 Datasheet
17Kb / 1P
Basic Rack PDU
logo
Tripp Lite. All Rights ...
PDUMNH16HVAT TRIPPLITE-PDUMNH16HVAT Datasheet
496Kb / 4P
3.7kW Single-Phase 230V ATS/Monitored PDU, IEC309 16A Blue Outlet, 2 IEC309 16A Blue Inputs, 1U Rack-Mount
PDU3XVN3G16 TRIPPLITE-PDU3XVN3G16 Datasheet
164Kb / 3P
11kW 3-Phase Monitored PDU, 220/230V (30 C13 & 6 C19), IEC-309 16A Red, 380/400V Input, 3ft Cord, 0U Vertical
PDU3XVN10G16 TRIPPLITE-PDU3XVN10G16 Datasheet
164Kb / 3P
11kW 3-Phase Monitored PDU, 220/230V (30 C13 & 6 C19), IEC-309 16A Red, 380/400V Input, 10ft Cord, 0U Vertical
logo
Schneider Electric
AP9568 SCHNEIDER-AP9568 Datasheet
74Kb / 2P
Rack PDU, Basic, Zero U, 10A,230V, (15)C13
Sep 2, 2020
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
AP7921B SCHNEIDER-AP7921B Datasheet
72Kb / 2P
Rack PDU, Switched, 1U, 16A, 208/230V, (8)C13
Jun 14, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com