Electronic Components Datasheet Search
  English  ▼

X  

CD5371B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD5371B
Description  5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD5371B Datasheet(HTML) 1 Page - Silicon Supplies

  CD5371B Datasheet HTML 1Page - Silicon Supplies CD5371B Datasheet HTML 2Page - Silicon Supplies CD5371B Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Planar Zener diode in bare die form – 5% tolerance
Rev 1.0
04/02/25
5W Zener Diode - CD5338B to CD5379B
Features:
Die Dimensions in µm (mils)
1580 (62.20)
1374 (54)
High Power Rating
Sharp Reverse Characteristics
Low Reverse Current Levels
High Reliability tested grades.
CHIP BACKSIDE IS CATHODE
ANODE
Ordering Information
The following part suffixes apply:
No suffix - Commercial grade die
“H”– Hi-rel grade die + MIL-PRF-38534 Class H LAT
“K” – Hi-rel grade die + MIL-PRF-38534 Class K LAT.
LAT = Lot acceptance Test.
For information on Hi-Rel LAT flows please see below.
www.siliconsupplies.com\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Die Size (Unsawn)
1580 x 1580
62.20 x 62.20
µm
mils
Anode Pad Size
1372 x 1372
54 x 54
µm
mils
Die Thickness
250 (±20)
9.84 (±0.79)
µm
mils
Top Metal Composition
AlSi 3µm
Back Metal Composition
NiTi-Ag 0.2-0.8µm
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
With additional electrical selection – By specific request
Page 1 of 3
www.siliconsupplies.com


Similar Part No. - CD5371B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5371B CDI-DIODE-CD5371B Datasheet
82Kb / 2P
ZENER DIODE CHIPS
More results

Similar Description - CD5371B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
5W ZENER DIODE
DS21407 Rev. D-3
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
ZENER 5W VOLTAGE REGULATOR
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
5W SILICON ZENER DIODE
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
5W SURFACE MOUNT SILICON ZENER DIODE
logo
Sensitron
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
ZENER 5W VOLTAGE REGULATOR
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
5W ZENER DIODE
logo
Formosa MS
1N5338B FORMOSA-1N5338B Datasheet
948Kb / 4P
5W Zener Diode 5.1 to 200V
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
5W Zener Doides
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com