Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDBZRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF3333AIDBZRG4
Description  3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3333AIDBZRG4 Datasheet(HTML) 1 Page - Texas Instruments

  REF3333AIDBZRG4 Datasheet HTML 1Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 2Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 3Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 4Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 5Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 6Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 7Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 8Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
1
IN
2
OUT
3
GND
REF3312
REF3318
REF3320
REF3325
REF3330
REF3333
SOT23-3,SC70-3
REF3312,, REF3318
REF3320, REF3325
REF3330, REF3333
SBOS392A – AUGUST 2007 – REVISED SEPTEMBER 2007
3.9
μA, SC70-3, 30ppm/
°C Drift
VOLTAGE REFERENCE
2
• MICROSIZE PACKAGES: SC70-3, SOT23-3
• LOW SUPPLY CURRENT: 3.9μA (typ)
The REF33xx is a low-power, precision, low-dropout
voltage reference family available in the tiny SC70-3
• HIGH OUTPUT CURRENT: ±5mA
and SOT23-3 packages. Small size and low power
• LOW TEMPERATURE DRIFT: 30ppm/°C (max)
consumption (5
μA max) make the REF33xx ideal for
• HIGH INITIAL ACCURACY: ±0.15% (max)
a wide variety of portable and battery-powered
applications.
The REF33xx can be operated at a supply voltage
• PORTABLE EQUIPMENT
180mV above the specified output voltage under
• DATA ACQUISITION SYSTEMS
normal load conditions, with the exception of the
REF3312, which has a minimum supply voltage of
• MEDICAL EQUIPMENT
1.8V.
All
models
are
specified
for
the
wide
• TEST EQUIPMENT
temperature range, –40
°C to +125°C.
REF33xx PRODUCT FAMILY
PRODUCT
DESCRIPTION
REF3312
1.25V
REF3318
1.8V
REF3320
2.048V
REF3325
2.5V
REF3330
3.0V
REF3333
3.3V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF3333AIDBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3333AIDBZRG4 TI1-REF3333AIDBZRG4 Datasheet
1Mb / 32P
Drift Voltage Reference
REF3333AIDBZRG4 TI1-REF3333AIDBZRG4 Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3333AIDBZRG4 TI1-REF3333AIDBZRG4 Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3333AIDBZRG4 TI2-REF3333AIDBZRG4 Datasheet
1Mb / 39P
REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
REVISED AUGUST 2019
REF3333AIDBZRG4.A TI2-REF3333AIDBZRG4.A Datasheet
1Mb / 39P
REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
REVISED AUGUST 2019
More results

Similar Description - REF3333AIDBZRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_08 Datasheet
581Kb / 15P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3033-Q1 TI1-REF3033-Q1 Datasheet
737Kb / 17P
50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
REF3325-DIE TI1-REF3325-DIE Datasheet
59Kb / 4P
DRIFT VOLTAGE REFERENCE
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3312 TI-REF3312_15 Datasheet
1Mb / 32P
REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
REF3312 TI1-REF3312 Datasheet
1Mb / 32P
Drift Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com