Electronic Components Datasheet Search
  English  ▼

X  

LM393A Datasheet(PDF) 3 Page - Silicon Supplies

Part # LM393A
Description  Dual Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM393A Datasheet(HTML) 3 Page - Silicon Supplies

  LM393A Datasheet HTML 1Page - Silicon Supplies LM393A Datasheet HTML 2Page - Silicon Supplies LM393A Datasheet HTML 3Page - Silicon Supplies LM393A Datasheet HTML 4Page - Silicon Supplies LM393A Datasheet HTML 5Page - Silicon Supplies LM393A Datasheet HTML 6Page - Silicon Supplies LM393A Datasheet HTML 7Page - Silicon Supplies LM393A Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Dual Differential Comparator – LM393A 
Rev 1.1
21/01/18
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VCC
±2.5 or 5
±15 or 30
V
Operating Temperature
TA
0
+70
°C
Recommended Operating Conditions
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage – Single Supply
36
V
Supply Voltage – Split Supply
VCC
±18
V
Input Differential Voltage Range
VIDR
36
V
Input Common Mode
Voltage Range
VICR
-0.3 to VCC
V
Output Short Circuit to Ground
-
Continuous
-
Input Current (per pin)
2
IIN
50
mA
Junction Temperature
TJ
150
°C
Power Dissipation in Still Air
PD
570
mW
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
25°C
-
1
2
Input Offset Voltage
VIO
VO = 1.4V,
VCC = 5-30V;
RS ≤ 100Ω,
VICR =0V-(VCC-1.5V)
70°C
-
-
4
mV
25°C
-
25
250
Input Bias Current
IB
VO=1.4V,VCC=5-30V
VICR =0V-(VCC-1.5)V
70°C
-
-
400
nA
25°C
-
±5
±50
Input Offset Current
IIO
VO=1.4V,VCC=5-30V
VICR =0V-(VCC-1.5V)
70°C
-
-
±150
nA
25°C
0
-
VCC -1.5
Input Common Mode
Voltage Range
VICR
VCC = 5-30V
70°C
0
-
VCC - 2.0
V
RL=∞,VCC=5V, TA = 25°C
-
-
1
Supply Current
ICC
RL=∞,VCC=36V, TA = 25°C
-
-
2.5
mA
Voltage Gain
AVOL
VCC =15V, RL = 15KΩ,
TA = 25°C, VO = 1V to 11V
50
200
-
V/mV
Large Signal
Response Time
t1
VIN =TTL Logic Swing,
VREF =1.4V, VCC= 5V,
RL = 5.1KΩ, VRL = 5V,
TA = 25°C
-
300
-
ns
Response Time
t2
VCC= 5V, RL= 5.1KΩ,
VRL= 5V, TA = 25°C
-
1.3
-
µS
 
DC Electrical Characteristics (T
A = -55°C to 125°C unless otherwise specified)
1.
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
2.
VIN < -0.3V. This input current exists when voltage is driven negative at any of the input leads



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com