Electronic Components Datasheet Search
  English  ▼

X  

TCA6507 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507
Description  LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6507 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCA6507 Datasheet HTML 9Page - Texas Instruments TCA6507 Datasheet HTML 10Page - Texas Instruments TCA6507 Datasheet HTML 11Page - Texas Instruments TCA6507 Datasheet HTML 12Page - Texas Instruments TCA6507 Datasheet HTML 13Page - Texas Instruments TCA6507 Datasheet HTML 14Page - Texas Instruments TCA6507 Datasheet HTML 15Page - Texas Instruments TCA6507 Datasheet HTML 16Page - Texas Instruments TCA6507 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
Power-On Reset
Enable and Reset
Bus Transactions
Reads
TCA6507
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER
WITH INTENSITY CONTROL AND SHUTDOWN
SCPS164B – MAY 2007 – REVISED NOVEMBER 2007
Table 19. BANK0
C2
C1
C0
STARTING POINT OF INTENSITY CYCLE
0
0
0
Beginning at region A1 in Table 15 and Figure 6
0
0
1
Beginning at region B1 in Table 15 and Figure 6
0
1
0
Beginning at region C1 in Table 15 and Figure 6
0
1
1
Beginning at region D in Table 15 and Figure 6
1
0
0
Beginning at region A2 in Table 15 and Figure 6
1
0
1
Beginning at region B2 in Table 15 and Figure 6
1
1
0
Beginning at region C2 in Table 15 and Figure 6
1
1
1
Beginning at region E in Table 15 and Figure 6
When power (from 0 V) is applied to VCC, an internal power-on reset holds the TCA6507 in a reset condition until
VCC has reached VPOR. At that point, the reset condition is released, and the TCA6507 registers and I
2C/SMBus
state machine initialize to their default states.
After the initial power-up phase, VCCI must be lowered to below 0.2 V and then back up to the operating voltage
(VCCI) for a power-reset cycle.
If the enable (EN) input is set to low, the TCA6507 is put in the standby or shutdown mode. In this mode, the
oscillator is turned off, the registers are returned to their default state, and the the I2C/SMBus state machine is
initialized. This mode is useful for low power consumption. An internal filtering circuit prevents negative glitches
from accidentally shutting down the device. EN must be low for a minimum of approximately 60
µs to ensure a
shutdown state.
The system master can reset the TCA6507 in the event of a timeout or other improper operation by setting EN
low for a minimum of approximately 60
µs. This has the same effect as a power-on reset without depowering the
TCA6507.
The oscillator start up time (tOSC) is measured from the point when EN is set high.
Data is exchanged between the master and TCA6507 through read and write commands.
The bus master first must send the TCA6507 address with the LSB set to a logic 0 (see Figure 5 for device
address). The command byte is sent after the address and determines which register is accessed. After a restart,
the device address is sent again but, this time, the LSB is set to a logic 1. Data from the register defined by the
command byte then is sent by the TCA6507 (see Figure 10). Data is clocked into the register on the rising edge
of the ACK clock pulse.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TCA6507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com