Electronic Components Datasheet Search
  English  ▼

X  

SISA4080 Datasheet(PDF) 5 Page - Silicon Supplies

Part # SISA4080
Description  Current Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SISA4080 Datasheet(HTML) 5 Page - Silicon Supplies

  SISA4080 Datasheet HTML 1Page - Silicon Supplies SISA4080 Datasheet HTML 2Page - Silicon Supplies SISA4080 Datasheet HTML 3Page - Silicon Supplies SISA4080 Datasheet HTML 4Page - Silicon Supplies SISA4080 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
www.siliconsupplies.com
Current Sense Amplifier – SiSA4080
Rev 1.0
14/10/20
Application Notes
Formulae
Sense Resistor Selection
Select RSENSE based on the following criteria:
Output Voltage:
VOUT = VSENSE 5 AV
Voltage Loss
- A high RSENSE value causes the
power-source voltage to degrade through IR loss.
For minimal voltage loss, use the lowest RSENSE
value.
Where:
VSENSE is the full-scale sense voltage
Accuracy
- A high RSENSE value allows lower
currents to be measured more accurately. This is
due to offsets becoming less significant when the
sense voltage is larger. For best performance,
select RSENSE to provide approximately 100mV of
sense voltage for the full-scale current in each
application.
AV is the gain of the device.
The Full-Scale Output Voltage is:
VOUT = RSENSE × ILOAD (MAX) × AV
VSENSE(MAX) = 100mV for 60V/V gain
Efficiency and Power Dissipation
- At high current
levels, the I2R losses in RSENSE can be significant.
Take this into consideration when choosing the
resistor value and its power dissipation (wattage)
rating. Also, the sense resistor’s value might drift if
it is allowed to heat up excessively.
Power-Supply Bypassing and Grounding
For most applications, bypass VCC to GND with a 0.1µF
ceramic capacitor. In many applications, VCC can be
connected to one of the current monitor terminals (RS+
or RS-). Because VCC is independent of the monitored
voltage, VCC can be connected to a separate regulated
supply. If VCC will be subject to fast-line transients, a
series resistor can be added to the power-supply line to
minimize output disturbance. This resistance and the
decoupling capacitor reduce the rise time of the
transient. For most applications, 1kΩ in conjunction with
a 0.1µF bypass capacitor works well. In bare die form
the backside of the die should be isolated, in package
form the device requires no special considerations with
respect to layout or grounding. Consideration should be
given to minimizing errors due to the large charge and
discharge currents in the system.
Inductance
- Keep inductance low if ISENSE has a
large high-frequency component. Wire-wound
resistors have the highest inductance, while metal
film is somewhat better. Low-inductance, metal-
film resistors are also available. Instead of being
spiral- wrapped around a core, as in metal-film or
wire-wound resistors, they are a straight band of
metal and are available in values under 1Ω.
Because of the high currents that flow through
RSENSE, take care to eliminate parasitic trace
resistance from causing errors in the sense
voltage. Either use a four-terminal current-sense
resistor or use Kelvin (force and sense) PC board
layout techniques.
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com