Electronic Components Datasheet Search
  English  ▼

X  

11864 Datasheet(PDF) 3 Page - Evolt

Part # 11864
Description  UMBRA CORE II DIFFUSED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

11864 Datasheet(HTML) 3 Page - Evolt

  11864 Datasheet HTML 1Page - Evolt 11864 Datasheet HTML 2Page - Evolt 11864 Datasheet HTML 3Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EV/UMBRA/CORE/II/DIFF/1200
PHOTOMETRICS
EV/UMBRA/CORE/II/DIFF/1200/EM (HALF POWER 4000K)
EV/UMBRA/CORE/II/DIFF/1200/EM (FULL POWER 6500K)
EV/UMBRA/CORE/II/DIFF/1200/EM (HALF POWER 5000K)
EV/UMBRA/CORE/II/DIFF/1200/EM (FULL POWER 4000K)
EV/UMBRA/CORE/II/DIFF/1200/EM (HALF POWER 6500K)
EV/UMBRA/CORE/II/DIFF/1200/EM (FULL POWER 5000K)
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com