Electronic Components Datasheet Search
  English  ▼

X  

2SA844 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SA844
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SA844 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SA844 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulated Transistors
2SA844
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM : 0.3 W (Tamb=25
℃)
Collector current
ICM:
-0.1 A
Collector-base voltage
V(BR)CBO : -55 V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -10
µA , I
E=0
-55
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA , IB=0
-55
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -10µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -18V , IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -2 V ,
IC=0
-0.05
µA
DC current gain
hFE
VCE=-12V, IC= -2mA
160
800
Collector-emitter saturation voltage
VCE(sat)
IC= -10mA, IB= -1 mA
-0.5
V
Base-emitter
voltage
VBE(on)
VCE= -12V, IC= -2mA
-0.75
V
Transition frequency
f T
VCE=-12V, IC= -2mA
150
MHz
CLASSIFICATION OF hFE
Rank
C
D
E
Range
160-320
250-500
400-800
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
Transys
Electronics
LI M ITE D


Similar Part No. - 2SA844

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA844 HITACHI-2SA844 Datasheet
23Kb / 5P
Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA844 RENESAS-2SA844 Datasheet
161Kb / 5P
Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA844 WINNERJOIN-2SA844 Datasheet
133Kb / 1P
TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
2SA844 FOSHAN-2SA844 Datasheet
770Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - 2SA844

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com