Electronic Components Datasheet Search
  English  ▼

X  

2SA940 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SA940
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SA940 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SA940 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220 Plastic-Encapsulate
d Transistors
2SA940 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM
: 1.5
W (Tamb=25
℃)
Collector current
ICM
: -1.5
A
Collector-base voltage
V(BR)CBO : -150
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-100µA, IE=0
-150
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-1mA, IB=0
-150
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-120V, IE=0
-10
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-10
µA
DC current gain
hFE(1)
VCE=-10V, IC=-500mA
40
140
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-1.5
V
Base-emitter voltage
VBE
VCE=-10V, IC=-500mA
-0.65
-0.85
V
Transition frequency
fT
VCE=-10V, IC=-500mA
4
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
55
pF
1 2 3
TO-220
1. BASE
2. COLLECTOR
3. EMITTER
Transys
Electronics
LI M ITE D


Similar Part No. - 2SA940

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA940 MOSPEC-2SA940 Datasheet
113Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
logo
Wing Shing Computer Com...
2SA940 WINGS-2SA940 Datasheet
25Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
logo
Inchange Semiconductor ...
2SA940 ISC-2SA940 Datasheet
103Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA940 SAVANTIC-2SA940 Datasheet
133Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA940 JMNIC-2SA940 Datasheet
203Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA940

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA1283 TEL-2SA1283 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com