Electronic Components Datasheet Search
  English  ▼

X  

2SC1384 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SC1384
Description  Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SC1384 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SC1384 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92L Plastic-Encapsulate Transistors
2SC1383
TRANSISTOR (NPN)
2SC1384
FEATURE
Power dissipation
PCM:
1
W (Tamb=25
℃)
Collector current
ICM:
1
A
Collector-base voltage
V(BR)CBO:
2SC1383:
30
V
2SC1384:
50
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
2SC1383
2SC1384
V(BR)CBO
Ic= 10
µA , I
E=0
30
50
V
Collector-emitter breakdown voltage
2SC1383
2SC1384
V(BR)CEO
IC=2mA , IB=0
25
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V , IE=0
0.1
µA
hFE(1)
VCE=10 V, IC= 500mA
85
340
DC current gain
hFE(2)
VCE=5 V, IC= 1A
50
Collector-emitter saturation voltage
VCE(sat)
IC= 500m A, IB=50mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA , IB= 50mA
1.2
V
Transition frequency
f T
VCE= 10 V, IC= 50mA
100
MHz
CLASSIFICATION OF hFE(1)
Rank
Q
R
S
Range
85-170
120-240
170-340
1 2 3
TO-92L
1. EMITTER
2. COLLECTOR
3. BASE
Transys
Electronics
LI M ITE D


Similar Part No. - 2SC1384

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1384 PANASONIC-2SC1384 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
Weitron Technology
2SC1384 WEITRON-2SC1384 Datasheet
314Kb / 5P
NPN General Purpose Transistors
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC1384 SECOS-2SC1384 Datasheet
146Kb / 3P
NPN Silicon General Purpose Transistor
logo
Daya Electric Group Co....
2SC1384 DAYA-2SC1384 Datasheet
174Kb / 3P
TO-92L Plastic-Encapsulate Transistors
More results

Similar Description - 2SC1384

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com