Electronic Components Datasheet Search
  English  ▼

X  

2SC1959 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SC1959
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SC1959 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SC1959 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate
d Transistors
2SC1959
TRANSISTOR (NPN)
FEATURE
Power dissipation
PCM:
0.5 W (Tamb=25
℃)
Collector current
ICM:
0.5
A
Collector-base voltage
V(BR)CBO:
35
V
Operating and storage junction temperature range
Tstg: -55
℃ to +150℃
TJ: 150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100µA , IE=0
35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1 mA , IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 35V , IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5 V ,
IC=0
0.1
µA
hFE (1)
VCE=1 V, IC= 100mA
70
400
DC current gain
hFE (2)
VCE=6 V, IC= 400mA
25
Collector-emitter saturation voltage
VCE(sat)
IC= 100 mA, IB= 10 mA
0.25
V
Base-emitter voltage
VBE
VCE= 1V, IC= 100 mA
1.0
V
Transition frequency
f T
VCE= 12 V, IC= 2mA
200
MHz
CLASSIFICATION OF hFE
Rank
O
Y
GR
hFE (1)
70-140
120-240
200-400
Range
hFE (2)
25(min)
40(min)
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BSAE
Transys
Electronics
LI M ITE D


Similar Part No. - 2SC1959

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC1959 TOSHIBA-2SC1959 Datasheet
138Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER SWITCHING APPLICATIONS)
02-Sep-1996
2SC1959 TOSHIBA-2SC1959 Datasheet
319Kb / 3P
Silicon PNP Epitaxial Type (PCT process)
01-Nov-2007
logo
Dc Components
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC1959 SECOS-2SC1959 Datasheet
84Kb / 1P
NPN Plastic Encapsulated Transistor
logo
Tiger Electronic Co.,Lt...
2SC1959 TGS-2SC1959 Datasheet
50Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC1959

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com