Electronic Components Datasheet Search
  English  ▼

X  

2SC3420 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SC3420
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SC3420 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SC3420 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-126C Plastic-Encapsulate
d Transistors
2SC3420 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
1.5
W (Tamb=25
℃)
Collector current
ICM:
5
A
Collector-base voltage
V(BR)CBO:
50
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
100µA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
10mA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
8
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=8V, IC=0
0.1
µA
hFE(1)
VCE=2V, IC=0.5A
140
600
DC current gain
hFE(2)
VCE=2V, IC=4A
70
Collector-emitter saturation voltage
VCE(sat)
IC=4A, IB=0.1A
1
V
Base-emitter voltage
VBE
VCE=2V, IC=4A
1.5
V
Transition frequency
fT
VCE=2V, IC=0.5A
100
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
40
pF
CLASSIFICATION OF
hFE(1)
Rank
Y
GR
BL
Range
140-240
200-400
300-600
Marking
1 2 3
TO-126C
1. EMITTER
2. COLLECTOR
3. BASE
Transys
Electronics
LI M ITE D


Similar Part No. - 2SC3420

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3420 TOSHIBA-2SC3420 Datasheet
152Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3420 TOSHIBA-2SC3420 Datasheet
124Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Strobe Flash Applications
09-Nov-2006
logo
Savantic, Inc.
2SC3420 SAVANTIC-2SC3420 Datasheet
142Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3420 JMNIC-2SC3420 Datasheet
201Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3420 ISC-2SC3420 Datasheet
174Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3420

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com