Electronic Components Datasheet Search
  English  ▼

X  

D313 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # D313
Description  Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

D313 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  D313 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220 Plastic-Encapsulate Transistors
2SD313 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
1.75
W (Tamb=25
℃)
Collector current
ICM:
3
A
Collector-base voltage
V(BR)CBO:
60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
100µA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
1mA, IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=60V, IE=0
100
µA
Collector cut-off current
ICEO
VCE=60V, IE=0
1
mA
Emitter cut-off current
IEBO
VEB=4V, IC=0
100
µA
hFE(1)
VCE=2V, IC=1A
40
320
DC current gain
hFE(2)
VCE=2V, IC=0.1A
40
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB=200mA
1
V
Base-emitter voltage
VBE
VCE=2V, IC=1A
1.5
V
Transition frequency
fT
VCE=5V, IC=500mA
8
MHz
Collector output capacitance
Cob
VCB=10V, IE=0,f=1MHz
65
pF
CLASSIFICATION OF
hFE(1)
Rank
C
D
E
F
Range
40-80
60-120
100-200
160-320
1 2 3
TO-220
1. BASE
2. COLLECTOR
3. EMITTER
Transys
Electronics
LI M ITE D


Similar Part No. - D313

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
D313 UTC-D313 Datasheet
92Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
D313 UTC-D313 Datasheet
135Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Savantic, Inc.
D313 SAVANTIC-D313 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
logo
Unisonic Technologies
D313 UTC-D313 Datasheet
49Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Inchange Semiconductor ...
D313 ISC-D313 Datasheet
93Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - D313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com