Electronic Components Datasheet Search
  English  ▼

X  

2SD880 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SD880
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SD880 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SD880 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220 Plastic-Encapsulate
d Transistors
2SD880
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
1.5
W (Tamb=25
℃)
Collector current
ICM:
3
A
Collector-base voltage
V(BR)CBO:
60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100µA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=50mA, IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
7
V
Collector cut-off current
ICBO
VCB=60V, IE=0
100
µA
Emitter cut-off current
IEBO
VEB=7V, IC=0
100
µA
DC current gain
hFE
VCE=5V, IC=500mA
60
300
Collector-emitter saturation voltage
VCE (sat)
IC=3A, IB=300mA
1
V
Base-emitter saturation voltage
VBE
IC=0.5A, VCE= 5V
1
V
Transition Frequency
f T
VCE=5 V, IC=500mA
3
MHz
Collector output capacitance
Cob
VCE=10V, IE=0, f=1MHz
70
pF
Turn on time
ton
0.8
µs
Storage time
t s
1.5
µs
Fall time
t f
IB1=-IB2=0.2A, IC=2A
VCC=30V, PW=20µs
0.8
µs
CLASSIFICATION OF hFE
Rank
O
Y
GR
Range
60-120
100-200
150-300
1 2 3
TO—220
1. BASE
2. COLLECTOR
3. EMITTER
Transys
Electronics
LI M ITE D


Similar Part No. - 2SD880

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
POWER TRANSISTORS(3A,60V,30W)
logo
Wing Shing Computer Com...
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Unisonic Technologies
2SD880 UTC-2SD880 Datasheet
118Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
Inchange Semiconductor ...
2SD880 ISC-2SD880 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD880 SAVANTIC-2SD880 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD880

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com