Electronic Components Datasheet Search
  English  ▼

X  

MIC2238 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2238
Description  Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2238 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2238 Datasheet HTML 1Page - Micrel Semiconductor MIC2238 Datasheet HTML 2Page - Micrel Semiconductor MIC2238 Datasheet HTML 3Page - Micrel Semiconductor MIC2238 Datasheet HTML 4Page - Micrel Semiconductor MIC2238 Datasheet HTML 5Page - Micrel Semiconductor MIC2238 Datasheet HTML 6Page - Micrel Semiconductor MIC2238 Datasheet HTML 7Page - Micrel Semiconductor MIC2238 Datasheet HTML 8Page - Micrel Semiconductor MIC2238 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC2238
July 2007
2
M9999-071307
Ordering Information
Part Number
VOUT1
VOUT2
Lead Finish
Junction
Temperature
Range
Package
MIC2238-AAYML
Adjustable
Adjustable
Pb-Free
–40
°C to +125°C
3 × 3 MLF-12L
Fixed output options available. Contact Micrel Marketing for further details.
Pin Configuration
MIC2238-xxYML
12-Lead MLF
® (ML)
(Top View)
Pin Description
Pin Number
Adjustable
Pin Number
Fixed
Pin Name
Pin Name
1
-
FB2
Feedback 2: For adjustable voltage options connect the
external resistor divider network to FB2 to set the output
voltage of regulator 2. Nominal value is 0.8V.
2
2
EN2
Enable 2 input. Logic low powers down regulator 2. Logic
high powers up regulator 2. MIC2238 features built-in soft-
start circuitry that reduces in-rush current and prevents the
output voltage from overshooting at start up.
3
3
AVIN
Analog Supply Voltage: Supply voltage for the analog control
circuitry. Requires bypass capacitor to GND.
4
4
SW2
Switch node for regulator 2, connected to external inductor.
5
5
AGND
Analog (signal) ground.
6
6
PGND
Power ground.
7
7
/FPWM
Forced PWM Mode Bar. Grounding this pin forces the device
to stay in constant frequency PWM mode only. Pulling this
pin high enables automatic Trickle mode operation.
8
8
SW1
Switch node for regulator 1, connected to external inductor.
9
9
VIN
Supply Voltage: Supply voltage for the internal switches and
drivers.
10
10
PGOOD
Power Good Output. This output is pulled down unless the
regulator 1 output voltage is within +6.25% and -8.5% of
regulation. After the output voltage is in regulation, the output
starts to go high with an internal 5µA current source. A delay
time could be programmed by tying a capacitor to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com