Electronic Components Datasheet Search
  English  ▼

X  

FGR3000FX-90DA Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # FGR3000FX-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FGR3000FX-90DA Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  FGR3000FX-90DA Datasheet HTML 1Page - Powerex Power Semiconductors FGR3000FX-90DA Datasheet HTML 2Page - Powerex Power Semiconductors FGR3000FX-90DA Datasheet HTML 3Page - Powerex Power Semiconductors FGR3000FX-90DA Datasheet HTML 4Page - Powerex Power Semiconductors FGR3000FX-90DA Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aug.1998
100
23
102
57 103 23 5 7 104 23 5 7 105
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
VFGM = 10V
VGT = 1.5V
Tj = 25°C
IGT = 3000mA
PFG(AV) = 100W
PFGM = 400W
IFGM = 100A
012345678
104
7
5
3
2
103
7
5
3
2
102
7
5
3
2
101
Tj = 125°C
ON-STATE CHARACTERISTIC
(GTO PART)
REVERSE CHARACTERISTIC
(DIODE PART)
0.040
0
23
10–3
5710–2 23 5 710–1 23 5 7 100
0.020
0.015
0.010
0.005
0.025
0.030
0.035
23
100
57 101
DIODE PART
GTO PART
GTO PART
DIODE PART
VOLTAGE (V)
MAXIMUM ON-STATE AND MAXIMUM
REVERSE CHARACTERISTICS
CONDUCTION TIME
(CYCLES AT 60Hz)
RATED ON-STATE AND REVERSE
SURGE CURRENT
GATE CURRENT (mA)
GATE CHARACTERISTICS
TIME (S)
MAXIMUM THERMAL IMPEDANCE
CHARACTERISTICS
(JUNCTION TO FIN)
20
15
0
5
10
100
23
5 7 101
23
5 7 102
DIODE PART, GTO PART
VTM
VRM
IDRM
IRG
dv/dt
tgt
IGQM
VGT
IGT
5.0
4.5
250
500
—
10
—
1.5
3000
0.016
0.025
V
V
mA
mA
V/
µs
µs
A
V
mA
On-state voltage
Peak reverse voltage drop
Repetitive peak off-state current
Reverse gate current
Critical rate of rise of off-state voltage
Turn-on time
Peak gate turn-off current
Gate trigger voltage
Gate trigger current
Tj = 125
°C, ITM = 3000A, Instantaneous measurment
Tj = 125
°C, IRM = 3000A, Instantaneous measurment
Tj = 125
°C, VDRM Applied, VGK = –2V
Tj = 125
°C, VRG = 17V
Tj = 125
°C, VD = 3000V, VGK = –2V
Tj = 125
°C, ITM = 3000A, IGM = 75A, VD = 3000V
GTO Side (Junction to fin)
Diode Side (Junction to fin)
MITSUBISHI REVERSE-CONDUCTING GTO THYRISTORS
FGR3000FX-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Unit
tgq
Rth(j-f)
Turn-off time
Thermal resistance
Tj = 125
°C, ITM = 3000A, VDM = 4500V, diGQ/dt = –30A/µs
VRG = 17V, CS = 6.0
µF, LS = 0.2µH
DC METHOD : VD = 24V, RL = 0.1
Ω, Tj = 25°C
—
—30
µs
°C/W
—
—
—
—
—
—
720
—
—
—
—
—
—
—
1000
—
—
—
—
—
PERFORMANCE CURVES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com