Electronic Components Datasheet Search
  English  ▼

X  

BAS19W Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAS19W
Description  Plastic-Encapsulated Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS19W Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAS19W Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2. 30¡ À0. 05
1. 25¡ À0. 05
SOT-323 Plastic-Encapsulate
d Diode
BAS19W/20W/21W
SWITCHING DIODE
FEATURES
Power dissipation
PD:
200
mW (Tamb=25
℃)
Collector current
IF:
200
mA
Collector-base voltage
VR:
19W: 120 V; 20W: 150V ; 21W: 200V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
BAS19W
Reverse breakdown voltage
BAS20W
BAS21W
V(BR) R
IR= 100µA
100
150
200
V
BAS19W
Reverse voltage leakage current
BAS20W
BAS21W
IR
100V
VR=150V
200V
0.1
µA
Forward
voltage
VF
IF=100mA
IF=200mA
1000
1250
mV
Diode
capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA
Irr=0.1×IR
50
nS
Unit: mm
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR
Marking: BAS19W
KA8
BAS20W
KT2
BAS21W
KT3
Transys
Electronics
LI M ITE D


Similar Part No. - BAS19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19W PANJIT-BAS19W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19W WTE-BAS19W Datasheet
45Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Comchip Technology
BAS19W COMCHIP-BAS19W Datasheet
79Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - BAS19W

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
Plastic-Encapsulated Diode
BAW56W TEL-BAW56W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
BZX84C2V4W TEL-BZX84C2V4W Datasheet
104Kb / 1P
Plastic-Encapsulated DIODE
DA204U TEL-DA204U Datasheet
59Kb / 1P
Plastic-Encapsulated Diode
DA221 TEL-DA221 Datasheet
55Kb / 1P
Plastic-Encapsulated Diode
DAN202U TEL-DAN202U Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
MMBD4148W TEL-MMBD4148W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T_15 Datasheet
261Kb / 2P
Plastic- Encapsulated Diode
MMBD4148T SECOS-MMBD4148T_15 Datasheet
241Kb / 2P
Plastic-Encapsulated Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com