Electronic Components Datasheet Search
  English  ▼

X  

BAS70W Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAS70W
Description  SCHOTTKY DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS70W Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAS70W Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2. 30¡ À0. 05
1. 25¡ À0. 05
BAS70W SERIES
SCHOTTKY DIODE
FEATURES
Power dissipation
PD:
200
mW (Tamb=25
℃)
Collector current
IF:
70
mA
Collector-base voltage
VR:
70
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
BAS70W Marking: K73
BAS70W-04 Marking: K74
BAS70W-05 Marking: K75
BAS70W-06 Marking: K76
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR) R
IR= 10µA
70
V
Reverse voltage
leakage current
IR
VR=50V
100
nA
Forward
voltage
VF
IF=1mA
IF=15mA
410
1000
mV
Diode
capacitance
CD
VR=0V, f=1MHz
2
pF
Reveres recovery time
trr
IF=10mA through
IR=10mA to IR=1mA
5
nS
Unit: mm
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR


Similar Part No. - BAS70W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70W PHILIPS-BAS70W Datasheet
55Kb / 8P
Schottky barrier double diodes
1999 Mar 26
logo
STMicroelectronics
BAS70W STMICROELECTRONICS-BAS70W Datasheet
50Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
May-2000
logo
Siemens Semiconductor G...
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Weitron Technology
BAS70W WEITRON-BAS70W Datasheet
502Kb / 3P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - BAS70W

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com