Electronic Components Datasheet Search
  English  ▼

X  

16791 Datasheet(PDF) 1 Page - Atom Lighting

Part # 16791
Description  AT9256
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16791 Datasheet(HTML) 1 Page - Atom Lighting

  16791 Datasheet HTML 1Page - Atom Lighting 16791 Datasheet HTML 2Page - Atom Lighting 16791 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT9256
Pureline LED Strip with cable - 7W/m - IP54
Superior 24V design
54,000 hour LED life
Flexible, quality LED housing
Superior efficacy and Colour Rendering Index (CRI)
Large range of accessories and extrusions
Continuous light source giving uninterrupted lines
of light, without the dots
Supplied with 3M adhesive tape
ORDERING INFORMATION
Order code
16791
Description
7W/m 5m Pureline LED Strip
with cable - WW - IP54
Item Code
AT9256/WW/5M
EFFICIENCIES
Total System Efficiency
85 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
IP Rating
IP54
ELECTRICAL
Electrical Rating
Class III
Input voltage
24Vdc
Maximum Wattage
35 W
Watts Per Meter (W/m)
7
Working Temp Range
40 °C
LAMP
Macadam Steps (SDCM)
3-step MacAdam Ellipse
Beam Angle
140 °
CCT Configuration
Single
Colour Rendering Index (CRI)
>90
Lamp/LED voltage
24 V
LED's per meter
336
Lumens /m
600 lm/m
LED LIFETIME
LED Lifetime
>54000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
Ambient Temp (°C)
40 °C
25 °C
L70B50
>54000 hrs
>54000 hrs
This rating defines the performance of the led within its
lifetime. L relates to lumen depreciation, where the
proceeding number gives the resultant lumen output at the
end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is
tested accordingly to TM-21. The B part refers to failures,
which can be define as the percentage of LEDs which fall
below the L value in the projected lifetime. A value of B10
refers to 10% failure and a value of B50 refers to 50% failure.
After the defined lifetime, the system will reach the defined
lumen depreciation and the average led failures is defined by
the B rating. The B rating is defined in and tested to IEC62717.
TM-21 Test Hours
9000 hrs
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 16791

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
16791 EXTREMENETWORKS-16791 Datasheet
206Kb / 10P
High-performance 24-port 10Gb aggregation switch
30aug23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com