Electronic Components Datasheet Search
  English  ▼

X  

IDP-ME Datasheet(PDF) 2 Page - DFI Inc

Part # IDP-ME
Description  Industrial Touch Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

IDP-ME Datasheet(HTML) 2 Page - DFI Inc

  IDP-ME Datasheet HTML 1Page - DFI Inc IDP-ME Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © October 7, 2022 DFI Inc.
ORDERING INFORMATION
Model Name Part Number
Description
IDP150-ME
790-IDP150-100G IDP150-ME: 15" TFT Monitor with Projected Capacitive Touch, 300nits, VGA/HDMI, DC Jack , F/G RoHS
IDP170-ME
790-IDP170-100G IDP170-ME: 17" TFT Monitor with Projected Capacitive Touch, 300nits, VGA/HDMI, DC Jack , F/G RoHS
IDP190-ME
790-IDP190-000G IDP190-ME: 19" TFT Monitor with Projected Capacitive Touch, 300nits, VGA/HDMI, DC Jack , F/G RoHS
1 VGA cable
1 USB cable
1 Power Adapter
1 Power code
PACKING LIST
SPECIFICATION
MODEL NAME
IDP150-ME
IDP170-ME
IDP190-ME
DISPLAY
Display
15" TFT LCD
17" TFT LCD
19" TFT LCD
Max. Resolution
1024 x 768
1280 x 1024
1280 x 1024
Brightness
(cd/m²)
300 nits
(without Touch screen)
250 nits
(without Touch screen)
250 nits
(without Touch screen)
Contrast
2500:1
1000:1
1000:1
View Angle
176(H) / 176(V)
170(H) / 160(V)
170(H) / 160(V)
Color Depth
8 bits
Display Colors
16.7M
Backlight
Lifetime
50,000 Hrs
30,000 Hrs
30,000 hrs (Min.)
TOUCH SCREEN Type
Projected Capacitive Support 10 points Multi-Touch
I/O INTERFACE
VGA
1 x VGA
DVI
1 x DVI (option)
HDMI
1 x HDMI 1.2
USB (For Touch)
USB Type A
Audio
1 x Audio
Power Input
1 x DC Jack
AUDIO
Speaker
2 x 2W Speakers (option)
POWER
Type
AC Input
12V DC-IN
Power
Consumption
Typical: 30W, normal operation
MECHANISM
Construction
Aluminum front Frame
Metal back-cover
Color
Black
Dimension
(W)(H)(D)
358.7 x 281.7 x 55 mm
399.6 x 331 x 57 mm
TBD
Net Weight
5 kg
6 kg
TBD
Mounting
VESA mount
75 x 75mm & 100 x100mm
ENVIRONMENT
Operating
Temperature
0°C ~ 50°C
Storage
Temperature
-10°C ~ 60°C
Operating
Humidity
20% to 80% non-condensing
OTHER
OSD
5 x Control buttons on the rear side
Power Auto Up Down Menu
CERTIFICA-
TIONS
EMC / Safety
CE / FCC Class A
PROTECTION
IP Rating
IP65 Front Panel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com