Electronic Components Datasheet Search
  English  ▼

X  

IDP-SERIES Datasheet(PDF) 2 Page - DFI Inc

Part # IDP-SERIES
Description  8/10.1/12.1/15.6" Industrial Touch Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

IDP-SERIES Datasheet(HTML) 2 Page - DFI Inc

  IDP-SERIES Datasheet HTML 1Page - DFI Inc IDP-SERIES Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 9, 2023 DFI Inc.
ORDERING INFORMATION
Model Name
Part Number
Description
IDP080P-MS
790-IDP080-300G 8" TFT Monitor with Projected Capacitive Touch, 250nits, VGA only, DC Jack
IDP080P-MSS
790-IDP080-400G 8" TFT Monitor with Projected Capacitive Touch, 250nits, VGA only, DC Jack, with standard
IDP101P-MS
790-IDP101-100G 10.1" TFT Monitor with Projected Capacitive Touch, 400nits, VGA/HDMI, DC Jack
IDP101P-MSS
790-IDP101-200G 10.1" TFT Monitor with Projected Capacitive Touch, 400nits, VGA/HDMI, DC Jack, with standard
IDP121P-MS
790-IDP121-000G 12.1" TFT Monitor with Projected Capacitive Touch, 500nits, VGA/HDMI, DC Jack
790-IDP121-200G 12.1" TFT Monitor with Projected Capacitive Touch, 1024x768, 500nits, VGA/HDMI, DC Jack
IDP121P-MSS
790-IDP121-100G 12.1" TFT Monitor with Projected Capacitive Touch, 500nits, VGA/HDMI, DC Jack, with standard
790-IDP121-300G 12.1" TFT Monitor with Projected Capacitive Touch, 1024x768, 500nits, VGA/HDMI, DC Jack, with
standard
IDP156P-MS
790-IDP156-000G 15.6" TFT Monitor with Projected Capacitive Touch, 250nits, VGA only, DC Jack
IDP156P-MSS
790-IDP156-100G 15.6" TFT Monitor with Projected Capacitive Touch, 250nits, VGA only, DC Jack, with standard
1 VGA cable
1 USB cable (Mini USB to A Type)
1 Power Adapter
1 Audio cable (only for audio model)
PACKING LIST
SPECIFICATION
MODEL NAME
IDP080P
IDP101P
IDP121P
IDP156P
DISPLAY
Display
8" TFT LCD
10.1 TFT LCD
12.1" TFT LCD
15.6" TFT LCD
Max. Resolution
800 x 600
1280 x 800
800 x 600
1024 x 768 by request
1366 x 768
Brightness
(cd/m²)
250
(without Touch screen)
400
(without Touch screen)
500
(without Touch screen)
400
(without Touch screen)
Contrast
500:1
800:1
700:1
800:1
View Angle
140(H) / 120(V)
178(H) / 178(V)
160(H) / 140(V)
170(H) / 130(V)
Color Depth
8 bits
Display Colors
16.7M
Backlight
Lifetime
20,000 hrs (Min.)
20,000 hrs (Min.)
50,000 hrs (Min.)
50,000 hrs (Min.)
TOUCH SCREEN Type
Projected Capacitive Support 10 points Multi-Touch
I/O INTERFACE
VGA
1 x VGA
HDMI
--
1 x HDMI 1.2
1 x HDMI 1.2
1 x HDMI 1.2
USB (For Touch)
USB Mini Type
Audio
--
--
1 x Line-in
1 x Line-in
Power Input
1 x DC Jack
AUDIO
Speaker
--
--
2 x 2w Speakers
2 x 2w Speakers
POWER
Type
AC Input
External power adapter, 100 ~ 240V
Power
Consumption
Typical: 6 W, normal
operation
Typical: 8 W, normal
operation
Typical: 8 W, normal
operation
Typical: 12 W, normal
operation
MECHANISM
Construction
Plastic chassis (ABS)
Color
Black
Dimension
(W)(H)(D)
200.5 (W) x 161.3
(H) x 29.6 (D) mm
260.5 (W) x 179.1 (H) x
27.7 (D) mm
299.4 (W) x 235.9 (H) x
37.2 (D) mm
391 (W) x 246 (H) x 40
(D) mm
Net Weight
0.63 kg
1.15 kg
1.46 kg
2.03 kg
Mounting
75 x 75 mm
VESA mount
ENVIRONMENT
Operating
Temperature
0°C ~ 40°C
Storage
Temperature
-10°C ~ 50°C
Operating
Humidity
20% to 80% non-condensing
OTHER
OSD
5 x Control buttons on the rear side Power Auto Up Down Menu
CERTIFICA-
TIONS
EMC / Safety
CE / FCC / RoHS / WEEE / REACH
PROTECTION
IP Rating
IP54 Front Panel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com