Electronic Components Datasheet Search
  English  ▼

X  

KS070-AL Datasheet(PDF) 2 Page - DFI Inc

Part # KS070-AL
Description  Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KS070-AL Datasheet(HTML) 2 Page - DFI Inc

  KS070-AL Datasheet HTML 1Page - DFI Inc KS070-AL Datasheet HTML 2Page - DFI Inc KS070-AL Datasheet HTML 3Page - DFI Inc KS070-AL Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KS070-AL
Specifications
SYSTEM
Processor
Intel Atom® Processor E3900 Series, BGA 1296
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Memory
One 204-pin SODIMM up to 8GB
(4GB memory by default)
Single Channel DDR3L 1866MHz
BIOS
Insyde SPI 128Mbit (supports UEFI boot only)
DISPLAY AND
TOUCH SCREEN
Display
7” 800x480 TFT LCD Panel with Capacitive/Resistive Touch Screen
Brightness
500 cd/m²
Contrast
400:1
Backlight Lifetime
50,000 hours
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x VGA
1 x DP++
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
Dual Displays
VGA + DP++
STORAGE
1 x CFast Socket
EXPANSION
Interface
1 x Full-size Mini PCIe (USB/PCIe)
1 x M.2 2242 B-key (SATA 3.0/USB 2.0/PCIe Gen2 x2)
AUDIO
Audio Codec
Realtek ALC262
ETHERNET
Controller
2 x Intel® I211AT PCIe (10/100/1000Mbps)
TOP I/O
Serial
2 x RS-232/422/485 (DB-9)
DIO
1 x 8-bit DIO (DB-9) (available upon request)
Buttons
1 x Power Button
Wi-Fi Antenna
3 x Wi-Fi Module Antenna Hole
BOTTOM I/O
Ethernet
2 x GbE (RJ-45) (10/100/1000Mbps)
USB
2 x USB 3.0 (type A)
2 x USB 2.0 (type A)
Display
1 x VGA
1 x DP++
Audio
1 x Line-out
1 x Mic-in
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
12V DC
Connector
DC Jack
OS SUPPORT
(UEFI ONLY)
Windows 10 IoT Enterprise 64-bit
MECHANISM
Construction
Sheet Metal
IP Rating
IP65 Front Panel Protection
Mounting
Panel/VESA Mount
Dimensions (W x H x D) 230mm x 150mm x 58.3mm
Weight
1.5kg
ENVIRONMENT
Operating Temperature
-20 to 55°C
Storage Temperature
-30 to 80°C
Relative Humidity
5 to 85% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
OP: Half-sine, 3G @ 11ms
Non-OP: Half-sine, 5G @ 11ms
Vibration
OP: Random, 1Grms @ 5~500Hz, 30min
Non-OP: Sweep sine, 3Grms @ 10~500Hz, 30min
Certifications
CE, FCC, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com