Electronic Components Datasheet Search
  English  ▼

X  

KS202 Datasheet(PDF) 2 Page - DFI Inc

Part # KS202
Description  TI® AM3517 7" Open Frame Light Industrial Touch Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KS202 Datasheet(HTML) 2 Page - DFI Inc

  KS202 Datasheet HTML 1Page - DFI Inc KS202 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KS202
Specifications
TI® AM3517
7" Open Frame Light Industrial Touch Panel PC
PROCESSOR SYSTEM
• TI® AM3517 Sitara ARM Cortex-A8
MEMORY
• 512MB DDR2 onboard
- 4 DDR2 64Mx16 RAM
LCD and TOUCH SCREEN
• 7” (800x480) WVGA TFT touch screen LCD
• Supports touch screen
- TI® TSC2004 touch screen controller
• 400 NITS
• 4-Wire Resistive type
STORAGE
• 1 SD/MMC card socket
• 512MB NAND Flash
- Samsung K9F4G08U0D flash memory 512Mx 8bit (512MB)
ETHERNET
• LAN8710 10/100Mbps LAN chip
• 1 LAN port
• Supports 10BASE-T and 100BASE-T
AUDIO
• 1 Line-out
COM
• 1 RS232/422/485 COM port
• 1 RS232 COM port
USB
• 1 TUSB1210 USB transceiver
• 2 Type A USB 2.0/1.1 ports
GPIO
• 12-bit GPIO connector
POWER
• Power input voltage
- +9~30V DC-in
ENVIRONMENT
• Temperature
- Operating: -20oC ~ 65oC
- Storage: -30oC ~ 80oC
• Relative Humidity
- 95% RH at 65oC, 1 week
• Corrosion
- 4 periods of 7 days at 65oC with 90-95% relative humidity after 2 hours salt
spray or waiver
I/O PORTS
• Front
- 1 Power LED
• Top
- 1 SD/MMC card socket
• Bottom
- 12-bit GPIO (2 7-pole terminal blocks)
- 1 Line-out
- 1 DB-9 RS232 COM
- 1 RJ45 10/100Mbps LAN with LEDs
- 2 USB 2.0 (Type A)
- 1 DB-9 RS232/422/485 COM
- 1 DC-in (2-pole Phoenix terminal block)
- 1 power switch
CONSTRUCTION
• Aluminum front bezel, Rugged metal housing
MOUNTING
• VESA 75x75
DIMENSIONS
• 230.40mm x 142.32mm x 35.8mm (W x H x D)
WEIGHT
• 1.90 kg
OS SUPPORT
• Windows CE 6.0
CERTIFICATION
• CE
• FCC Class B
• RoHS
• UL
• Compliant with IEC 60945 (Protected B)
* Optional and is not supported in standard model. Please contact your sales representative for more information.
Ordering Information
Model Name
Part Number
Description
KS202
750-KS2020-000G
7" Panel PC, TI® AM3517 ARM, Resistive Touch, DC input, R10
Optional Items
Optional Items
Part Number
Description
Wall Mount
785-PPCWMK
Standard Panel PC Wall Mount kit
Power Cord
785-PWRD
Power cord, Standards (USA/EUR/CH), 1.8m, RoHS
Packing List
• 1 KS202 Touch Panel PC
• 1 Poron foam
• 1 24V power adapter
• 3 Terminal blocks
• 1 Quick Installation Guide
• 1 CD disk includes:
- Manual
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 31, 2014 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com