Electronic Components Datasheet Search
  English  ▼

X  

M221 Datasheet(PDF) 1 Page - Solid State Inc

Part # M221
Description  Ultra miniature 4-pin small outline package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

M221 Datasheet(HTML) 1 Page - Solid State Inc

  M221 Datasheet HTML 1Page - Solid State Inc M221 Datasheet HTML 2Page - Solid State Inc M221 Datasheet HTML 3Page - Solid State Inc M221 Datasheet HTML 4Page - Solid State Inc M221 Datasheet HTML 5Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M221
1 Form A
Solid State Relay
The M221 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay in a miniature 4-pin small outline
package. It is designed to replace electromechanical relays in general purpose switching applications. The relay consists of an integrated
circuit that drives two rugged source-to-source enhancement type DMOS transistors - optically coupled to a light emitting diode. The
output MOS transistors are protected with free-wheeling diodes that can handle up to 5A of inrush current, making the relay ideal for
switching lamps and highly inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Ultra miniature 4-pin small outline package
•
Low input control power consumption (2.5mA TYP)
•
140mA maximum continuous load current
•
20 ohms maximum on-resistance
•
High input-to-output isolation
•
Long life/high reliability
•
Multiplexers
•
Meter reading systems
•
Data Acquisition
•
Medical equipment
•
Battery monitoring
•
Home/Safety security systems
•
Tape and Reel
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Forward
Current
mA
50
Peak Forward Current
(1us)
A
1
Reverse Input Control
Voltage
V
5
Output Power Dissipation
mW
400
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
• UL / C-UL FILE #E201932
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
M221
rev 1.4
1 (12/23/2008)
© 200
8 Solid State Optronics • San José, CA
SGS / TUV EN60950-1: 2001 Certificate # BA/71/220/06/0398


Similar Part No. - M221

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M221 SSOUSA-M221 Datasheet
137Kb / 4P
1 Form A Solid State Relay
M221-L SSOUSA-M221-L Datasheet
165Kb / 5P
1 Form A Solid State Relay
logo
Solid State Inc
M221-L SOLIDSTATE-M221-L Datasheet
177Kb / 5P
Transient ov er current protection (170mA TYP)
rev 1.41
logo
Solid State Optronic
M221-L SSOUSA-M221-L_15 Datasheet
177Kb / 5P
Transient ov ??er current protection (170mA TYP)
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
More results

Similar Description - M221

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M211 SSOUSA-M211_15 Datasheet
181Kb / 5P
Ultra miniature 4-pin small outline package
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
Ultra miniature 4-pin small outline package
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3022 SSOUSA-TDM3022 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3042 SSOUSA-TDM3042 Datasheet
377Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3051 SSOUSA-TDM3051 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3081 SSOUSA-TDM3081 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com