Electronic Components Datasheet Search
  English  ▼

X  

BAW74 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAW74
Description  SILICON PLANAR DUAL SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAW74 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAW74 Datasheet HTML 1Page - TRANSYS Electronics Limited BAW74 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON PLANAR DUAL SWITCHING DIODES
BAW74
SOT-23
Formed SMD Package
Marking
BAW74 - JD
High-Speed Switching Dual Diodes, Common Anode
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Maxium Repetitive Reverse Voltage
VRRM
V
Average Rectified Forward Current
IF(AV)
mA
Power Dissipation Ta=25ºC
PD
mW
Non Repetitive Peak Forward Surge
Current
IFSM
Pulse Width=1s
A
Pulse Width=1
µµs
A
Storage Temperature Range
Tstg
oC
Operating Junction Temperature
Tj
oC
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
oC/W
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Breakdown Voltage
VR
IR = 100µA
50
V
Forward Voltage
*VF
IF = 100mA
V
Reverse Current
*IR
VR=50V
nA
VR=50V, Ta=150ºC
µA
Total Capacitance
CT
VR=0V, f=1MHz
pF
Reverse Recovery Time
trr
IF=IR=10mA, IRR=1mA,
RL=100Ω
ns
*Pulse Test : Pulse Width =300
µµs, Duty Cycle=2%
2
4
1
2
- 55 to +150
100
VALUE
50
200
MAX
1
100
350
150
357
Pin Configuration
1 =
2 =
3 =
CATHODE
CATHODE
ANODE
3
1
2
Transys
Electronics
LI M ITE D


Similar Part No. - BAW74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAW74 FAIRCHILD-BAW74 Datasheet
58Kb / 2P
Small Signal Diode
logo
Continental Device Indi...
BAW74 CDIL-BAW74 Datasheet
199Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
logo
Zetex Semiconductors
BAW74 ZETEX-BAW74 Datasheet
47Kb / 1P
SOT23 HIGH SPEED SWITCHING DIODE PAIR COMMON ANODE
More results

Similar Description - BAW74

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBD2835 CDIL-CMBD2835 Datasheet
129Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
logo
Panasonic Semiconductor
MA4X174 PANASONIC-MA4X174 Datasheet
81Kb / 3P
Switching Diodes (Silicon planar type)
logo
Continental Device Indi...
BAW74 CDIL-BAW74 Datasheet
199Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
BAW56 CDIL-BAW56 Datasheet
206Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
BAV70 CDIL-BAV70 Datasheet
147Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
logo
Toshiba Semiconductor
TBAV99 TOSHIBA-TBAV99 Datasheet
178Kb / 5P
Switching Diodes Silicon Epitaxial Planar
1SS302A TOSHIBA-1SS302A Datasheet
170Kb / 6P
Switching Diodes Silicon Epitaxial Planar
logo
SHIKUES Electronics
BAS29 SKTECHNOLGY-BAS29 Datasheet
412Kb / 3P
Silicon Epitaxial Planar Switching Diodes
logo
Toshiba Semiconductor
1SS403E TOSHIBA-1SS403E Datasheet
177Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV99 TOSHIBA-BAV99 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com