Electronic Components Datasheet Search
  English  ▼

X  

BD115 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BD115
Description  NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BD115 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BD115 Datasheet HTML 1Page - TRANSYS Electronics Limited BD115 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BD115
TO-39
Metal Can Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Emitter Voltage (RBE<1KΩ
Ω
VCER
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Peak
ICM
mA
Power Dissipation @ Ta=50ºC
PD
W
Storage Temperature
Tj, Tstg
ºC
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Breakdown Voltage
BVCEO
IC=1mA,IB=0
180
V
Collector Base Breakdown Current
BVCBO
IC=100µA, IE=0
245
V
Emitter Base Breakdown Voltage
BVEBO
IE=100µA, Ic=0
5
V
Collector Cutoff Current
ICBO
VCB=200V, IE=0
15
nA
VCB=200V,IE=0,Tj=200ºC
550
µA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
100
µA
Collector Emitter Saturation Voltage
VCE(Sat) *
IC=100mA,IB=10mA
3.5
V
Base Emitter On Voltage
VBE(on) *
IC=50mA,VCE=100V
1.0
V
DC Current Gain
hFE
IC=50mA,VCE=100V
22
60
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=30mA, VCE=100V
145
MHz
f=20MHz
Collector Base Time Constant
rb'Cc
IE=10mA, VCB=10V,
30
100
ps
f=10MHz
Feedback Capacitance
Cre
VCE=20V, IC=10mA,
3.5
pF
f=1.0MHz
*Pulse Test: Pulse Width <300
µµs, Duty Cycle <2%
25
VALUE
180
245
245
5
150
200
6
-55 to +200
VALUE
Transys
Electronics
LI M ITE D


Similar Part No. - BD115

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BD115 CENTRAL-BD115 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Continental Device Indi...
BD115 CDIL-BD115 Datasheet
240Kb / 3P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results

Similar Description - BD115

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP19 ZETEX-BSP19 Datasheet
42Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
NPN Silicon Planar High Voltage Transistor
logo
Continental Device Indi...
BD115 CDIL-BD115 Datasheet
240Kb / 3P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
NPN Silicon Planar High Voltage Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com