Electronic Components Datasheet Search
  English  ▼

X  

BD136 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BD136
Description  PNP PLASTIC POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BD136 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BD136 Datasheet HTML 1Page - TRANSYS Electronics Limited BD136 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BD136, BD138, BD140
Collector current
IC
max.
1.5
A
Base current
IB
max.
0.5
A
Total power dissipation up to TA = 25°C
Ptot
max.
1.25
W
Derate above 25°C
max
10
mW/°C
Total power dissipation up to TC = 25°C
Ptot
max.
12.5
W
Derate above 25°C
max
100
mW/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to case
Rth jc
10
°C/W
From junction to ambient
Rth ja
100
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
136 138 140
Collector cutoff current
IE = 0; VCB = 30 V
ICBO
max.
0.1
µA
IE = 0; VCB = 30 V; TC = 125°C
ICBO
max.
10
µA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
10
µA
Breakdown voltages
IC = 0.03 A; IB = 0
VCEO(sus)*
min.
45
60
80
V
IC = 1 mA; IE = 0
VCBO
min.
45
60
100 V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltage
IC = 0.5 A; IB = 0.05 A
VCEsat*
max.
0.5
V
Base-emitter on voltage
IC = 0.5A; VCE = 2V
VBE(on)*
max.
1.0
V
D.C. current gain
IC = 0.005 A; VCE = 2 V*
hFE*
min.
25
IC = 0.15 A; VCE = 2 V**
hFE*
min.
40
max.
250
IC = 0.5 A; VCE = 2 V*
hFE*
min.
25
** hFE classification:
–6
min.
40
max. 100
–10
min.
63
max. 160
–16
min. 100
max. 250
–25
min. 160
max. 400
* Pulse test: pulse width
≤ 300 µs, duty cycle ≤ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com