Electronic Components Datasheet Search
  English  ▼

X  

BF820 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BF820
Description  SILICON EPITAXIAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BF820 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BF820 Datasheet HTML 1Page - TRANSYS Electronics Limited BF820 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
BF820
BF822
Collector–base voltage (open emitter)
VCB0
max. 300
250 V
Collector–emitter voltage (open base)
VCE0
max.
–
250 V
Collector–emitter voltage (RBE = 2,7 kW )VCER max. 300
— V
Emitter–base voltage (open collector)
VEB0
max.
5
V
Collector current (d.c.)
IC
max.
50
mA
Collector current (peak value)
ICM
max.
100
mA
Total power dissipation
up to Tamb = 25 °C
Ptot
max.
250
mW
Storage temperature
Tstg
–55 to +150
° C
Junction temperature
Tj
max.
150
° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
500
K/W
CHARACTERISTICS
BF820
BF822
Tj = 25 °C unless otherwise specified
Collector cut–off current
IE = 0; VCB = 200 V
ICB0
<10
10 nA
Collector–emitter voltage
RBE = 2,7 kW ; VCE = 250 V
ICER
<50
50 nA
RBE = 2,7kW ; VCE = 200V; Tj = 150°C
ICER
<10
10 mA
Saturation voltage
IC = 30 mA; lB = 5 mA
VCEsat <
0,6
V
D.C. current gain
IC = 25 mA; VCE = 20 V
hFE
>50
Transition frequency at f = 35 MHz
lC = 10 mA; VCE = 10 V
fT
>60
MHz
Feedback capacitance at f = 1 MHz
IC = 0; VCE = 30 V
Cre
<
1,6
pF
BF820
BF822



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com