Electronic Components Datasheet Search
  English  ▼

X  

BF821 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BF821
Description  SILICON EPITAXIAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BF821 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BF821 Datasheet HTML 1Page - TRANSYS Electronics Limited BF821 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON EPITAXIAL TRANSISTORS
P–N–P transistors
Marking
BF821 = 1W
BF823 = 1Y
ABSOLUTE MAXIMUM RATINGS
BF821
BF823
Collector–base voltage (open emitter)
–VCB0 max. 300
250 V
Collector–emitter voltage (open base)
–VCE0 max. —
250 V
Collector–emitter voltage (RBE = 2,7 kW )–VCER max. 300
– V
Collector current (peak value)
–ICM max.
100
mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250
mW
Junction temperature
Tj
max.
150
° C
D.C. current gain
–IC = 25 mA; –VCE = 20 V
hFE
>50
Feedback capacitance at f = 1 MHz
· IC = 0; –VCE = 30 V
Cre
<
1,6
pF
Transition frequency at f = 35 MHz
–IC = 10 mA; –VCE = 10 V
fT
>60
MHz
BF821
BF823
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Transys
Electronics
LI M ITE D


Similar Part No. - BF821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
PNP high-voltage transistors
1999 Apr 15
logo
General Semiconductor
BF821 GE-BF821 Datasheet
49Kb / 2P
Small Signal Transistors (PNP)
logo
Diotec Semiconductor
BF821 DIOTEC-BF821 Datasheet
174Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
PNP High-Voltage Transistors
logo
Rectron Semiconductor
BF821 RECTRON-BF821 Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
More results

Similar Description - BF821

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBTA42 CDIL-CMBTA42 Datasheet
80Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBT3903 CDIL-CMBT3903 Datasheet
95Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBTA05 CDIL-CMBTA05 Datasheet
156Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBTA55 CDIL-CMBTA55 Datasheet
132Kb / 3P
SILICON EPITAXIAL TRANSISTORS
CMBTA92 CDIL-CMBTA92 Datasheet
141Kb / 3P
SILICON EPITAXIAL TRANSISTORS
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
logo
TRANSYS Electronics Lim...
BF820 TEL-BF820 Datasheet
51Kb / 2P
SILICON EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CIL928A CDIL-CIL928A Datasheet
106Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BF821 CDIL-BF821 Datasheet
86Kb / 3P
SILICON EPITAXIAL TRANSISTORS
BF820 CDIL-BF820 Datasheet
86Kb / 3P
SILICON EPITAXIAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com