Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # D882
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

D882 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  D882 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-251/252 Plastic-Encapsulate
d Transistors
D882
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
1.25
W (Tamb=25
℃)
Collector current
ICM:
3
A
Collector-base voltage
V(BR)CBO:
40
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 10 mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 40V, IE=0
1
µA
Collector cut-off current
ICEO
VCE= 30V, IB=0
10
µA
Emitter cut-off current
IEBO
VEB= 6V, IC=0
1
µA
hFE(1)
VCE= 2V, IC= 1A
60
400
DC current gain
hFE(2)
VCE= 2V, IC= 100mA
32
Collector-emitter saturation voltage
VCE (sat)
IC= 2A, IB= 0.2 A
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC= 2A, IB= 0.2 A
1.5
V
Transition frequency
fT
VCE= 5V, Ic=0.1A
f =10MHz
50
MHz
CLASSIFICATION OF hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
0. 51¡ À
0. 10
0. 51¡ À
0. 05
0¡ «
0. 10
2. 30¡ À
0. 10
6. 50¡ À
0. 15
5. 30¡ À
0. 10
0. 60¡ À
0. 10
0. 80¡ À
0. 10
2. 30¡ À
0. 10
2. 30¡ À
0. 10
1. 20
¡«
9¡ ã
0. 51
0¡ ã
5¡ ã
5¡ ã
5¡ ã
1. 20
0. 5 1¡ À
0. 03
5¡ ã
2. 3 0¡ À
0. 05
2. 3 0¡ À
0. 0 5
0. 80¡ À
0. 0 5
0. 6 0¡ À
0. 0 5
5. 3 0¡ À
0. 05
6. 5 0¡ À
0. 10
0. 51 ¡ À
0. 03
2 . 30¡ À
0. 05
5¡ ã
5¡ ã
1 2 3
1 2 3
TO-251
TO-252-2
1.
BASE
2.
COLLECTOR
3.
EMITTER
Transys
Electronics
LI M ITE D


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com