Electronic Components Datasheet Search
  English  ▼

X  

M2A-DP Datasheet(PDF) 1 Page - DFI Inc

Part # M2A-DP
Description  Module Boards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

M2A-DP Datasheet(HTML) 1 Page - DFI Inc

  M2A-DP Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.dfi.com
Module Boards
M2A-DP
MECHANICAL DRAWING
ORDERING INFORMATION
Model Name Part Number
Description
M2A-DP
770-M2ADP1-000G M2A-DP: DFI M.2 A key DP-to-
Internal DP Module
SPECIFICATION
KEY FEATURES
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 16, 2024 DFI Inc.
CHIP
N/A
PORT
M.2 A Key
INTERFACE
DP++
DIMENSIONS
30 x 42 mm (Stand off at 30 x 30 mm)
DP++
CHIP
N/A
FEATURES
DP++: Resolution up to 4096x2304 @ 60Hz
I/O PORTS
1 DP++ port
APPLIED MODEL
• RPP171/RPP173
• RPS100
• ADN171/ADN173
TEMPERATURE
Operating: -40°C to 85°C
Storage: -40°C to 85°C
HUMIDITY
5% to 90%
DIMENSIONS
30 x 42 mm (Stand off at 30 x 30 mm)
Bottom View
Top View


Similar Part No. - M2A-DP

ManufacturerPart #DatasheetDescription
logo
DFI Inc
M2A-EDP DFI-M2A-EDP Datasheet
892Kb / 2P
Module Boards
M2A-HDMI20 DFI-M2A-HDMI20 Datasheet
349Kb / 1P
Module Boards
M2A-LVDS DFI-M2A-LVDS Datasheet
892Kb / 2P
Module Boards
M2A-M21 DFI-M2A-M21 Datasheet
224Kb / 1P
Module Boards
M2A-OOB DFI-M2A-OOB Datasheet
589Kb / 2P
M.2 Out Of Band Module Compact BMC Peripheral
More results

Similar Description - M2A-DP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
evaluation boards
REV. 0
logo
Intel Corporation
D820LP INTEL-D820LP Datasheet
48Kb / 17P
Desktop Boards
logo
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
MS-8H ETC2-MS-8H Datasheet
379Kb / 4P
MS Series Input/Output Module Mounting Boards
PB-24SM-A ETC2-PB-24SM-A Datasheet
75Kb / 1P
DIGITAL I/O MODULE MOUNTING BOARDS
PB-24C4 ETC-PB-24C4 Datasheet
59Kb / 1P
DIGITAL I/O MODULE MOUNTING BOARDS
logo
Crydom Inc.,
MS-8H CRYDOM-MS-8H Datasheet
379Kb / 4P
MS SERIES Input/output module mounting boards
MS-16H CRYDOM-MS-16H Datasheet
379Kb / 4P
MS SERIES Input/output module mounting boards
MS-24H CRYDOM-MS-24H Datasheet
379Kb / 4P
MS SERIES Input/output module mounting boards
logo
Maxim Integrated Produc...
MAX98050EVSYS MAXIM-MAX98050EVSYS Datasheet
2Mb / 25P
Two MAX98050 Development Boards (DEV Boards)
319-100629; Rev 0; 11/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com