Electronic Components Datasheet Search
  English  ▼

X  

12909 Datasheet(PDF) 2 Page - Evolt

Part # 12909
Description  LEDFIRE ADV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

12909 Datasheet(HTML) 2 Page - Evolt

  12909 Datasheet HTML 1Page - Evolt 12909 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WARRANTY
Commercial Use Warranty
6 RTB (Total 6 Years)
DIMENSIONS
Cutout
70 (inner), 75-130 (outer) mm
Product Diameter
84 mm
Product Height
26 mm
LINE DRAWINGS
EV/LEDFIRE/ADV
PHOTOMETRICS
EV/LEDFIRE/ADV
ACCESSORIES
ORDER CODE
ITEM CODE
DESCRIPTION
00705
EV-CMS-2.4M-5PIN
CMS 2.4M 5 Pin Plug Set - with Green Plug to suit GEN III ledfires
11790
EV-CMS-5CORE-DALI-F&P
CMS 2.5M 5 core DALI flex and plug with bootlaced ends
11088
EV-GEN-DALI-JB
Junction box to suit Generation 3 Products
12909
EV-LEDFIRE-SM-CAN
Surface Mount Can IP20 for EV-LEDFIRE - White
00706
EV-WAGO-2.4M-F&P
Wago 2.4M Plug 5-P Blue WAGO 51110475
00709
EV-WIREDBYCLICK-2.4M-F&P
Wire By Click 2.4M 5-Pin Lead L1025/5
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com