Electronic Components Datasheet Search
  English  ▼

X  

11550 Datasheet(PDF) 2 Page - Evolt

Part # 11550
Description  LEDFIRE SM ADV IP65
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

11550 Datasheet(HTML) 2 Page - Evolt

  11550 Datasheet HTML 1Page - Evolt 11550 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WARRANTY
Commercial Use Warranty
6 RTB (Total 6 Years)
DIMENSIONS
Product Height
48 mm
Product Length
145 mm
Product Width
145 mm
LINE DRAWINGS
EV/LEDFIRE/SM/ADV/IP65
EV/LEDFIRE/SM/ADV/IP65/7/1
PHOTOMETRICS
EV/LEDFIRE/SM/ADV/IP65
ACCESSORIES
Order code
01990
Description
Rodmount Brackets only for roof
and luminaire body - White (Rod
size 25mm)
Item Code
EV-RODMOUNT-WHT
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com