Electronic Components Datasheet Search
  English  ▼

X  

UDB2 Datasheet(PDF) 1 Page - Timeguard

Part # UDB2
Description  LED Ready Up/Down Light – Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

UDB2 Datasheet(HTML) 1 Page - Timeguard

  UDB2 Datasheet HTML 1Page - Timeguard UDB2 Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
UDB2
LED Ready Up/Down Light –
Black
Features & Benefits
Up and down light direction
Stylish design with IP65 weatherproof rating
High quality metal Luminaire with superior finish
Ideal for indoor and outdoor use
Simple terminal block connection
Technical Data
230V AC
50Hz
Surface
Class I
-5°C to 55°C
IP65
Back Entry
General
444
162
76
88
Black Painted Aliminium
Data sheet
UDB2
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - UDB2

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UDB201 DYELEC-UDB201 Datasheet
1Mb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB201 DYELEC-UDB201 Datasheet
2Mb / 3P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Lapp.
UDB201803 LAPP-UDB201803 Datasheet
130Kb / 2P
ÖLFLEX® TRAY VTC & VTCS
May 10, 2022
logo
DIYI Electronic Technol...
UDB201S DYELEC-UDB201S Datasheet
949Kb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB201S DYELEC-UDB201S Datasheet
949Kb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UDB2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-DSW-10W A-BRIGHT-AB-DSW-10W Datasheet
126Kb / 2P
Ø172x80mm LED Down Light
logo
PARA LIGHT ELECTRONICS ...
DLF26WCWE1 PARALIGHT-DLF26WCWE1 Datasheet
262Kb / 4P
LED Down Light
DLF26WCWE2 PARALIGHT-DLF26WCWE2 Datasheet
261Kb / 4P
LED Down Light
DLF33WCWE1 PARALIGHT-DLF33WCWE1 Datasheet
263Kb / 4P
LED Down Light
DLF33WCWE2 PARALIGHT-DLF33WCWE2 Datasheet
262Kb / 4P
LED Down Light
logo
A-BRIGHT Inc
AB-DSW-10W A-BRIGHT-AB-DSW-10W Datasheet
126Kb / 2P
Ø172x80mm LED Down Light
AB-DSW-10W A-BRIGHT-AB-DSW-10W_15 Datasheet
126Kb / 2P
LED Down Light
AB-DSW-15W A-BRIGHT-AB-DSW-15W_15 Datasheet
205Kb / 2P
LED Down Light
AB-DW0-10W A-BRIGHT-AB-DW0-10W_15 Datasheet
126Kb / 2P
LED Down Light
AB-DW0-15W A-BRIGHT-AB-DW0-15W_15 Datasheet
205Kb / 2P
LED Down Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com