Electronic Components Datasheet Search
  English  ▼

X  

MBR3540 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # MBR3540
Description  SCHOTTKY DIODES STUD TYPE 35 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MBR3540 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  MBR3540 Datasheet HTML 1Page - TRANSYS Electronics Limited MBR3540 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Types up to 100V
Maximum Ratings
Operating Temperature: -55 C to +150
Storage Temperature: -55 C to +175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
35A
TC =110
Peak Forward Surge
Current
IFSM
600A
8.3ms ,Half sine
Maximum
Instantaneous
Forward Voltage
VF
0.68V
T
=25
IR
mA
TJ = 25
TJ =125
V
RRM
I FM =35 A;
Maximum thermal
resistance,
junction to case
/W
R jc
DO-4
DO-4
M
M
N
N
B
B
C
C
J
J
F
F
G
G
D
D
E
E
A
A
P
P
20V
MBR3520( R )
20V
Notes:
1.Standard Polarity:Stud is Cathode
2.Reverse Polarity:Stud is Anode
30V
35V
40V
45V
14V
21V
25V
28V
32V
30V
35V
40V
45V
mA
1.5
25
1.5
MBR3530( R )
MBR3535( R )
MBR3540( R )
MBR3545( R )
MBR3560( R )
MBR3580( R )
MBR35100( R )
60V
80V
100V
42V
57V
70V
60V
80V
100V
0.75V
0.84V
(MBR3530~MBR3545)
j
(MBR3560)
(MBR3580~MBR35100)
SCHOTTKY DIODES STUD TYPE 35 A
MBR3520(R)
THRU
MBR35100(R)
35Amp Rectifier
20-100 Volts
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼ -32
Threads
Standard
Polarity
B
C
-----
-----
D
E
F
G
-----
J
-----
-----
M
-----
-----
N
P
10
UNF3A
.424
.437
10.77
11.10
-----
.600
.422
.075
.020
.060
10.72
.505
.820
.453
.175
.405
.310
.413
.065
.100
1.91
15.24
0.51
1.53
12.82
20.82
11.50
4.44
10.29
7.87
1.65
2.54
10.49
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Mounting torque
Mounting torque
Not lubricated
threads
Kgf-cm
11.0~13.4
Transys
Electronics
LI M ITE D


Similar Part No. - MBR3540

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3540 MCC-MBR3540 Datasheet
115Kb / 2P
35 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Naina Semiconductor ltd...
MBR3540 NAINA-MBR3540 Datasheet
123Kb / 2P
Schottky Power Diode, 35A
logo
Digitron Semiconductors
MBR3540 DIGITRON-MBR3540 Datasheet
108Kb / 2P
35 AMP SCHOTTKY BARRIER RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR3540 GENESIC-MBR3540 Datasheet
799Kb / 3P
Silicon Power Schottky Diode
logo
Naina Semiconductor ltd...
MBR3540R NAINA-MBR3540R Datasheet
123Kb / 2P
Schottky Power Diode, 35A
More results

Similar Description - MBR3540

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
MBR8020 TEL-MBR8020 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
MBR6020 TEL-MBR6020 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 60 A
1N5829 TEL-1N5829 Datasheet
141Kb / 2P
SCHOTTKY DIODES STUD TYPE 25 A
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 40 A
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 50 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
SD41 TEL-SD41 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 30 A
SD51 TEL-SD51 Datasheet
117Kb / 2P
SCHOTTKY DIODES STUD TYPE 60 A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com