Electronic Components Datasheet Search
  English  ▼

X  

MBR12040 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # MBR12040
Description  SCHOTTKY DIODES MODULE TYPE 120A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MBR12040 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  MBR12040 Datasheet HTML 1Page - TRANSYS Electronics Limited MBR12040 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Te mperature -
Figure .2-Forward Derating Curve
0
180
30
60
90
120
0
40
150
Instantaneous Forward Voltage - Volts
Figure .1-Typical Forward Characteristics
Volts
1
100
4
0
200
8
Figure
Peak Forward Surge Current
Number Of Cycles At 60Hz - Cycles
Cycles
2
6
10
20
60 80
40
400
600
800
1000
1200
0
0.2
0.4
0.6
0.8
1.0
1.2
60
20
MBR12020(R) THRU MBR120100(R)
80
100
120
Figure .4-Typical Reverse Characteristics
Reverse Voltage - Volts
Volts
Tj =125 C
T
J =25
T
J =75
Tj =150 C
40
60
200
100
.1
.2
.4
.6
1
2
4
6
10
20
400
600
.04
.06
1000
.01
.02
2000
1.0
2.0
4.0
6.0
10
20
40
100
60
200
400
600
1000
Single Phase, Half Wave
60Hz Resistive or Inductive Load
.3-
MBR12060
MBR12020~
MBR12040
MBR12080~
MBR120100
T
J =25
10
20
30
40
0
50
60
70
80
90
100
8.3ms Single Half
Sine Wave
JEDEC method T
J =25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com