Electronic Components Datasheet Search
  English  ▼

X  

MMST5401 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # MMST5401
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MMST5401 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  MMST5401 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2. 30¡ À0. 05
1. 25¡ À0. 05
SOT-323 Plastic-Encapsulate
d Transistors
MMST5401 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
0.2
W (Tamb=25
℃)
Collector current
ICM:
-0.2
A
Collector-base voltage
V(BR)CBO:
-160
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-100µA, IE=0
-160
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-1mA, IB=0
-150
V
Emitter-base breakdown voltage
V(BR)EBO
IE=
-10µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=
-120V, IE=0
-50
nA
Emitter cut-off current
IEBO
VEB=
-3V, IC=0
-50
nA
hFE(1)
VCE=-
5V, IC=-1mA
50
hFE(2)
VCE=
-5V, IC=-10mA
60
240
DC current gain
hFE(3)
VCE=
-5V, IC=-50mA
50
VCE(sat)
IC=
-10mA, IB=-1mA
-0.2
V
Collector-emitter saturation voltage
VCE(sat)
IC=-
50mA, IB=-5mA
-0.5
V
VBE(sat)
IC=
-10mA, IB=-1mA
-1
V
Base-emitter voltage
VBE(sat)
IC=-
50mA, IB=-5mA
-1
V
Transition frequency
fT
VCE=
-10V, IC=-10mA, f=100MHz
100
300
MHz
Collector output capacitance
Cob
VCB=
-10V, IE=0, f=1MHz
6
pF
Noise figure
NF
VCE=
-5V, Ic=-0.2mA,
f=
1KHZ, Rg=10Ω
8
dB
Marking
K4M
Unit: mm
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR
Transys
Electronics
LI M ITE D


Similar Part No. - MMST5401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST5401 DIODES-MMST5401 Datasheet
41Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. B-1
MMST5401 DIODES-MMST5401 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
MMST5401 BILIN-MMST5401 Datasheet
156Kb / 3P
PNP General Purpose Transistor
logo
Rectron Semiconductor
MMST5401 RECTRON-MMST5401 Datasheet
614Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
logo
Micro Commercial Compon...
MMST5401 MCC-MMST5401 Datasheet
79Kb / 2P
PNP Small Signal Transistors
More results

Similar Description - MMST5401

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com