Electronic Components Datasheet Search
  English  ▼

X  

2201612 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201612
Description  ME MAX 22,5 PLATE BU - Insertion plate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201612 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201612 Datasheet HTML 1Page - PHOENIX CONTACT 2201612 Datasheet HTML 2Page - PHOENIX CONTACT 2201612 Datasheet HTML 3Page - PHOENIX CONTACT 2201612 Datasheet HTML 4Page - PHOENIX CONTACT 2201612 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Insertion plate, width: 19.2 mm, height: 73.6 mm, depth: 1 mm, color: blue
(similar RAL 5015)
Your advantages
Easy, tool-free mounting
•
Plastic in accordance with UL94 V0: for more rigorous flammability requirements
•
Commercial data
Item number
2201612
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AC08
Product key
ACHABZ
GTIN
4046356865456
Weight per piece (including packing)
1.706 g
Weight per piece (excluding packing)
0.78 g
Customs tariff number
85389099
Country of origin
DE
ME MAX 22,5 PLATE BU - Insertion plate
2201612
https://www.phoenixcontact.com/us/products/2201612
Feb 24, 2025, 12:30 AM
Page 1 (5)


Similar Part No. - 2201612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201617 PHOENIX-2201617 Datasheet
1Mb / 30P
Multifunctional housing for complex electronics
2013-04-08
2201618 PHOENIX-2201618 Datasheet
1Mb / 30P
Multifunctional housing for complex electronics
2013-04-08
More results

Similar Description - 2201612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
1652431 PHOENIX-1652431 Datasheet
56Kb / 3P
Adapter plate - VS-ADP16-VS09GS-BU/BU
1652473 PHOENIX-1652473 Datasheet
57Kb / 3P
Adapter plate - VS-ADP16-VS25GS-BU/BU
1652499 PHOENIX-1652499 Datasheet
57Kb / 3P
Adapter plate - VS-ADP24-VS09/VS09-GS-BU/BU
1652512 PHOENIX-1652512 Datasheet
62Kb / 3P
Adapter plate - VS-ADP24-VS09GS-BU/BU/RJ45
2199236 PHOENIX-2199236 Datasheet
51Kb / 2P
Housing - ME MAX 22,5 F/SF-DKL TRANS
11/05/2018
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2901107 PHOENIX-2901107 Datasheet
52Kb / 2P
Components of electronic housing - ME MAX 22,5 PLATEKMGY
11/05/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com