Electronic Components Datasheet Search
  English  ▼

X  

CS101-Q370 Datasheet(PDF) 1 Page - DFI Inc

Part # CS101-Q370
Description  9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS101-Q370 Datasheet(HTML) 1 Page - DFI Inc

  CS101-Q370 Datasheet HTML 1Page - DFI Inc CS101-Q370 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information
CS101-Q370/C246
Mechanical Drawing
Block Diagram
0
10.16
33.02
64.16
101.04
134.37
139.16
158.37
165.10
170.00
Features
9th/8th Gen Intel® CoreTMProcessor
Thin Mini-ITX
Channel A
2666MHz
Channel B
2666MHz
S/PDIF
Front Audio
USB 3.1 Gen 2
Q370
C246
PCIe x4
USB 2.0
DDR4 DIMM 2x
DDR4 DIMM 2x
LGA 1151
DDI
HDMI
ALC888
PCIe x4 1x
PTN3460
MDI
DP++
eDP
PCIe x1
GLAN I219LM
Digital I/O 8-bit
SMBus
SMBus
SPI BIOS
SPI Bus
DDI
DP++
Full Size
Mini PCIe
(&mSATA)
SATA 3.0
USB 2.0
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen 2
USB 2.0
PCIe x1
GLAN I210AT
MDI
USB 2.0
LPC
USB 2.0 4x
RS232 2x
SATA 3.0
SATA 2x
LPC
LPC Header
TPM 2.0
DDI
eDP Switch
eDP
eDP
LVDS
PCIe/SATA M.2 M key
PCIe
M.2 E key
USB 2.0
USB 3.1 Gen 2
2x
LAN 1x
USB 3.1 Gen 2
2x
RS232/422/485
2x
• 2 DDR4 2666MHz SODIMM up to 32GB
• Three independent displays:
DP++ +DP++ +HDMI, DP++ +DP++ +LVDS/eDP, DP++
+HDMI+LVDS/eDP
• DP++ resolution supports up to 4096x2304 @ 60Hz
• Multiple Expansions:
1 PCIe x4 Gen 3, 1 Full-size Mini PCIe, 1 M.2 2280 M Key, 1
M.2 2230 E Key
• Storage: 2 SATA 3.0
• Rich I/O: 2 Intel GbE, 4 COM, 4 USB 3.1 Gen 2, 4 USB 2.0
DP++
Thin
Mini-ITX
25mm
LAN 1
PCIe x4
DDR4_1
SODIMM
DDR4_2
SODIMM
LAN 2
LPC
Mini PCIe
DIO
DC-in
Intel Core
i7/i5/i3
4K2K
Display
4096x2304
Model Name P/N
Description
CS101-Q370 770-CS1012-100G CS101-Q370, DDR4 SODIMM, 2 DP++, 1 HDMI, 2 LAN, 4 COM, 8 USB, TPM, 0 to 60°C
CS101-C246 770-CS1012-200G CS101-C246, DDR4 SODIMM, 2 DP++, 1 HDMI, 2 LAN, 4 COM, 8 USB, TPM, 0 to 60°C
CS101-Q370 770-CS1012-400G CS101-Q370, DDR4 SODIMM, 2 DP++, 1 HDMI, 2 LAN, 4 COM, 8 USB, W/O TPM, 0 to 60°C
CS101-C246 770-CS1012-500G CS101-C246, DDR4 SODIMM, 2 DP++, 1 HDMI, 2 LAN, 4 COM, 8 USB, W/O TPM, 0 to 60°C
CS101-Q370 770-CS1012-600G CS101-Q370, DDR4 SODIMM, 2 DP++, 1 HDMI, 2 LAN, 4 COM, 8 USB, TPM, 4P vertical PWR, 0 to 60°C
SATA 3.0
Q370
C246
Desktop
HDMI
DP++
Intel Q370/
C246
DDR4
USB 3.1 Gen 2
DP++
SATA Power
CPU Fan
LVDS
Front Panel
COM 1~4
M.2 E Key
SATA 3.0
Bottom View
M.2 M Key


Similar Part No. - CS101-Q370

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
CS101 FUJITSU-CS101 Datasheet
88Kb / 12P
Standard Cell
logo
SynQor Worldwide Headqu...
CS101 SYNQOR-CS101 Datasheet
2Mb / 9P
All capacitors are X7R multi-layer ceramic
logo
Lumileds Lighting Compa...
CS101 LUMILEDS-CS101 Datasheet
2Mb / 3P
New Rijksmuseum is largest gallery space ever lit by LEDs
logo
Chip Integration Techno...
CS10100CT-A CITC-CS10100CT-A Datasheet
468Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CS101-Q370

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
logo
AAEON Technology
MIX-H310A1 AAEON-MIX-H310A1 Datasheet
689Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
MIX-Q370A1 AAEON-MIX-Q370A1 Datasheet
670Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
logo
BCM Advanced Research.
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX310HD BCM-MX310HD Datasheet
530Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, DC-Power
10/24/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com