Electronic Components Datasheet Search
  English  ▼

X  

QRB551 Datasheet(PDF) 2 Page - DFI Inc

Part # QRB551
Description  QRB5165 Processor 3.5" SBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

QRB551 Datasheet(HTML) 2 Page - DFI Inc

  QRB551 Datasheet HTML 1Page - DFI Inc QRB551 Datasheet HTML 2Page - DFI Inc QRB551 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
Channel A
Audio
(Line-out/Mic in)
8-bit DIO
Terminal block
LPDDR5 SDRAM
CAN Bus 2.0b
Audio Codec
WCD9385
(4-lanes)
Camera 2x
QRB5165
M.2 3052/2242
B key
M.2 2230 E key
GL3590
Gen2
FAN 12V
UFS Flash 3.1
u-SD 3.0 card
F81439A
LT9611UXC
NB7VPQ904M
SPI to CAN
USB 2.0
FT234XD
L.S.
TSV
PCIe x1 Gen3
PCIe x1 Gen3
PWM
UFS 3.1
SDC 3.0
UART
DSI
USB 3.1
I2S2
DP 1.4
SPI
UART
GPIO
SWR
CSI1
CSI2
RJ45
AX88179A
USB 2.0
USB 3.1 Type A
HDMI 1.4
Type A
USB 3.1 Type C
(device mode only)
RS232/422/485 1x
MECHANICAL DRAWING
BLOCK DIAGRAM
USB 3.1 Gen1
USB 3.1 Gen2
0
22
96
102
18.98
96



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com