Electronic Components Datasheet Search
  English  ▼

X  

QRB812 Datasheet(PDF) 2 Page - DFI Inc

Part # QRB812
Description  Qualcomm QRB5165 Processor OSM 1.1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

QRB812 Datasheet(HTML) 2 Page - DFI Inc

  QRB812 Datasheet HTML 1Page - DFI Inc QRB812 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dfi.com
PACKING LIST
ORDERING INFORMATION
Model Name
P/N
Processor
Memory
UFS
Display
Power
Operating Temp.
QRB812BC82-5165
TBD
Qualcomm QRB5165
8GB
128GB
MIPI- DSI + USB-C DP
5VDC
-5°C~65°C
1 QRB812 module
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © September 29, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
QRB5165, Kryo 585 2.84Ghz
- Quad high-performance Kryo Gold cores
• Three Kryo Gold cores with a 256 KB L2 cache per core, Fmax at 2.419 GHz
• One Kryo Gold prime core with a 512 KB L2 cache, Fmax at 2.842 GHz
- Quad low-power Kryo Silver cores with a 128 KB L2 cache per core, Fmax at 1.805 GHz
Memory
PoP LPDDR5, 8GB memory down
GRAPHICS
Controller
Adreno 650 GPU
Feature
Open GL ES 3.2, Vulkan 1.1, DX12 FL 12_1, OpenCL 2.0
Display
1 x 4-lane MIPI-DSI (to HDMI on carrier board)
1 x DP 1.4 (thru USB Type-C on carrier board)
I/O
Interface
2 x PCIe x2 (Gen3)
1 x PCIe x1 (Gen3)
2 x I2C
2 x SPI
4 x PWM
2 x UART(TX/RX/RTS/CTS)
2 x UART(TX/RX)
1 x UART(console)
1 x 4-bit SDIO
6 x 4-lane MIPI-CSI
2 x USB 3.1 Gen 2 (USB0 for Download or USB Type-C)
16 x GPIO
STORAGE
UFS
128GB UFS 3.1
SECURITY
TEE
Qualcomm® Trusted Execution Environment v5
POWER
Type
5VDC
Consumption
TBD
OS SUPPORT
Linux
Ubuntu
ENVIRONMENT
Temperature
Operating: -5°C~65°C
Storage: -40°C~85°C
Humidity
Operating: 10%~90% RH
Storage: 10%~90% RH
MTBF
TBD
MECHANICAL
Form Factor
OSM 1.1
(*Please be advised that certain pins do not adhere OSM standards. For further details, kindly
refer to the user manual.)
Dimensions
45 mm (1.77") x 45 mm (1.77")
STANDARDS AND
CERTIFICATIONS
Certification
CE, FCC, RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com