Electronic Components Datasheet Search
  English  ▼

X  

RBT970 Datasheet(PDF) 2 Page - DFI Inc

Part # RBT970
Description  AMD Ryzen™ Embedded V3000 Series COM Express® Basic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RBT970 Datasheet(HTML) 2 Page - DFI Inc

  RBT970 Datasheet HTML 1Page - DFI Inc RBT970 Datasheet HTML 2Page - DFI Inc RBT970 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
MECHANICAL DRAWING
95.00
0.00
4.00
4.00
91.00
91.00
54.98
BLOCK DIAGRAM
COMING SOON
Serial Port 1,2
SLP/LID
I2C BUS
I2C BUS
WDT
Fan PWM/TACH_IN
SMBUS
8bit DIO
eSPI BUS
LPC BUS
MDI
SPI BUS
PCIe Gen 4 (PCIe 18~19)
PCIe Gen 4 (PCIe 16~17)
PCIe Gen 4 (PCIe 12~15)
USB2.0_P0~1& P4~5
SATA Gen 3 (PCIe 10~11)
PCIe Gen 4 (PCIe 0~7)
PCIe Gen 4 (PCIe 0~3)
10G_KR P0~1 (PCIe 8~9)
USB3.2_P0~1 & P4~5
Channel 1
Channel 2
SMBUS
PCIe 18
AMD Embedded
V3000 FP7r2 APU
AMD Family 19h
Models 40h-4Fh
(10W~54W)
PCIe L16~23
(1x8 or 2x4)
SATA 0/1
PCIe L6~7
(1x2)
PCIe L4~5
(1x2)
PCIe L0~3
(4x1 or 2x2 or 1x4)
Lan Port 0
USB P0~3
SPI
LPC
Serial Port 1/2
I2C BUS
SMBUS
GPIO 8bit
4bit GPO/ 4bit GPI
GPI0 is configurable to be NPI
[AGPIO]
35 ~ 54 W (Default 45W)
V3C48/ V3C44
(0 ~ 105 degrees)
10 ~ 25W (Default 15W)
V3C18/ V3C16 /V3C12
(0 ~ 105 degrees)
10 ~ 25W (Default 15W)
V3C18I
(-40 ~ 105 degrees)
Lidless BGA
25 x 35 mm
Ball count 1140
6 nm FinFET
10G_KR_P0~1
USB3.2 Port 0~3
FP7r2 APU
MAX 64G
SO-DIMM 260PIN
DDR5 up to 4800
w/ ECC
SO-DIMM 260PIN
DDR5 up to 4800
w/ ECC
MUX
MUX
Embedded
Controller
IT8528VG-I
eSPI to LPC
F85227N
Backup
EEPROM
SPI Flash BIOS
TPM 2.0
SLB 9670XQ2.0
(Opt.)
NVMe SSD
2100AI/2100AT (Opt.)
GbE LAN
I226V/ I225
SVI3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com