Electronic Components Datasheet Search
  English  ▼

X  

RK701-TC81-RK3568J Datasheet(PDF) 1 Page - DFI Inc

Part # RK701-TC81-RK3568J
Description  Rockchip Processor Qseven
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RK701-TC81-RK3568J Datasheet(HTML) 1 Page - DFI Inc

  RK701-TC81-RK3568J Datasheet HTML 1Page - DFI Inc RK701-TC81-RK3568J Datasheet HTML 2Page - DFI Inc RK701-TC81-RK3568J Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KEY FEATURES
DDR4
4K High
Resolution
Dual Displays
Multiple
Expansion
RICH I/O
2GB/4GB/8GB DDR4
Memory Down
Supports 4K / 2K reso-
lution
1 eDP/LVDS +
1 DP/TMDS
2 PCIe 3.0, 1 PCIe 2.0
1 Realtek GbE,
1 USB 3.2, 4 USB 2.0
Rockchip Processor
Qseven
RK701
Bottom View
Front View


Similar Part No. - RK701-TC81-RK3568J

ManufacturerPart #DatasheetDescription
logo
Rohm
RK7002 ROHM-RK7002 Datasheet
112Kb / 4P
Interface and switching (60V, 115mA)
RK7002 ROHM-RK7002 Datasheet
115Kb / 4P
Interface and switching (60V, 115mA)
RK7002A ROHM-RK7002A Datasheet
82Kb / 5P
Switching (60V, 300mA)
RK7002B ROHM-RK7002B Datasheet
239Kb / 6P
2.5V Drive Nch MOSFET
RK7002B ROHM-RK7002B Datasheet
205Kb / 6P
2.5V Drive Nch MOSFET
More results

Similar Description - RK701-TC81-RK3568J

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-3565 ADVANTECH-SOM-3565 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N2600 Qseven CPU Module
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
80Kb / 2P
Advanced PMU for Rockchip RK2918 Processor
05-Dec-11
logo
Advantech Co., Ltd.
SOM-3565 ADVANTECH-SOM-3565_13 Datasheet
889Kb / 2P
Intel짰 Atom??Processor N2600 Qseven CPU Module
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
logo
Advantech Co., Ltd.
SOM-3565 ADVANTECH-SOM-3565_15 Datasheet
829Kb / 2P
Intel짰 Atom??Processor N2600 Qseven CPU Module
logo
Active-Semi, Inc
ACT8941A ACTIVE-SEMI-ACT8941A Datasheet
757Kb / 42P
Advanced PMU for Rockchip RK2906/RK2918 Processor
Rev 0, 12-Mar-13
logo
Axiomtek Co., Ltd.
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
Advantech Co., Ltd.
SOM-3567 ADVANTECH-SOM-3567 Datasheet
736Kb / 2P
Processor QSeven CPU Module
logo
DFI Inc
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com