Electronic Components Datasheet Search
  English  ▼

X  

RM840 Datasheet(PDF) 2 Page - DFI Inc

Part # RM840
Description  Rackmount Chassis for EATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM840 Datasheet(HTML) 2 Page - DFI Inc

  RM840 Datasheet HTML 1Page - DFI Inc RM840 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 22, 2024 DFI Inc.
SPECIFICATION
DRIVE BAY
External/Internal
2 x 5.25" (Front)
1 x 3.5" (Front)
5 x 3.5"(Internal)
EXPANSION
Interface
7 x Expansion Slot
RESERVED I/O HOLES
(OPT.)
Front
2 x USB(Opt.)
1 x PS/2
Rear
1 x DB25 ports
PANEL CONTROL/LED
Buttons
1 x Power Switch
1 x Reset Switch
1 x Power LED
1 x HDD LED
COOLING
Fan
2 x 90mm System Fan
POWER
Supply
PS/2-ATX
PHYSICAL
CHARACTERISTICS
Dimensions (W x H x D) 483 x 177 x 510mm
Weight
TBD
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Vibration
Operating: random 5~500Hz 1G
Non-operating: Sweep Sine 10~500Hz 1.5G
DIMENSIONS
Rear View
Top View
Front out-side view
Rear View
Front in-side View
Right-side View
2PL*6CM FAN(Opt.)
2PL*U.S.B.(Opt.)
173.60
482.60
464.60
430.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com