Electronic Components Datasheet Search
  English  ▼

X  

RPS183 Datasheet(PDF) 5 Page - DFI Inc

Part # RPS183
Description  14th/13th/12th Gen Intel® CoreTM Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS183 Datasheet(HTML) 5 Page - DFI Inc

  RPS183 Datasheet HTML 1Page - DFI Inc RPS183 Datasheet HTML 2Page - DFI Inc RPS183 Datasheet HTML 3Page - DFI Inc RPS183 Datasheet HTML 4Page - DFI Inc RPS183 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
Description
Active Thermal Solution(65W)
A71-101137-000G
Thermal solution (For 65W, Height: 46mm)
Active Thermal Solution(35W)
A71-101136-000G
Thermal solution (For 35W, Height: 39mm)
PSU(450W, 24V)
TBD
Meanwell HRP-450-24
Power adapter (360W, 24V)
TBD
Meanwell GST360B24-C6P
Power adapter (160W, 24V)
671-116005-000G
Meanwell GST160A24-DFIA
Power terminal converting cable (Spade-to-Phoenix 4P) TBD
20cm, for Meanwell HRP-450-24
Power terminal converting cable (ATX 6P-to-Phoenix 4P) TBD
20cm, for Meanwell GST360B24-C6P
Power terminal converting cable (DC5.5-to-ATX 2x2P)
A81-004110-009G
20cm, for Meanwell GST160A24-DFIA
· 1 RPS183 motherboard
· 1 Serial ATA data cable (Length: 500mm)
· 1 I/O shield (P/N: TBD)
· 3 M.2 screw/standoff
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.
Model Name
P/N
Memory
Rear I/O
Internal I/O
TPM
Power
Operating
Temp.
Display 2.5
GbE
USB
M.2
Display
USB
RPS183-H610EDB
770-RPS1831-000G
2 DDR5 2 DP*++
2
2 USB 3.2 Gen2,
1 USB Type C
1 M/B/E Key 1 eDP*,
1 HDMI*
2 USB 3.2 Gen1,
1 USB 2.0 Type A w/TPM 19~24VDC -5 to 65°C
RPS183-Q670EDB
770-RPS1831-100G
3 USB 3.2 Gen2,
1 USB Type C
RPS183-H610EDB
770-RPS1831-200G
2 USB 3.2 Gen2,
2 USB 2.0 Type A
RPS183-Q670EDB
770-RPS1831-300G
4 USB 3.2 Gen2
(NOTE: * Full functionality requires MXM implementation)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com