Electronic Components Datasheet Search
  English  ▼

X  

SD106 Datasheet(PDF) 2 Page - DFI Inc

Part # SD106
Description  6th/7th Gen Intel® CoreTM Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

SD106 Datasheet(HTML) 2 Page - DFI Inc

  SD106 Datasheet HTML 1Page - DFI Inc SD106 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD106-Q170
Specifications
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © February 6, 2024 DFI Inc.
Ordering Information
Model Name P/N
Memory
GbE DP++ LVDS
eDP RS-232 SATA 3.0
USB 3.0 USB 2.0 Power
Thermal Temp.
SD106-Q170 770-SD1061-000G 2 SODIMM 2
1
1
1
2
2
4
4
15~36V DC-in Cooler
0 to 60oC
SYSTEM
Processor
7th Generation Intel
® Core™ Processors, LGA 1151 Socket
Intel
® Core™ i7-7700 Processor, Quad Core, 8M Cache, 3.6GHz (4.2GHz), 65W
Intel
® Core™ i5-7500 Processor, Quad Core, 6M Cache, 3.4GHz (3.8GHz), 65W
Intel
® Core™ i3-7101E Processor, Dual Core, 3M Cache, 3.9GHz , 65W
6th Generation Intel® CoreTM Processors, LGA 1151 Socket
Core i7-6700TE (Skylake-S/R0-SR2LP) / 35W / LGA1151
Core i7-6700 (Skylake-S/R0-SR2BT) / 65W / LGA1151
Core i5-6500 (Skylake-S/R0-SR2BX) / 65W / LGA1151
Core i5-6500TE (Skylake-S/R0-SR2LR) / 35W / LGA1151
Core i3-6100TE (Skylake-S/R0-SR2LS) / 35W / LGA1151
Core i3-6100 (Skylake-S/S0-SR2HG) / 51W / LGA1151
Pentium-G4400 (Skylake-S/R0-SR2DC) / 54W / LGA1151
Pentium-G4400TE (Skylake-S/R0-SR2LT) / 35W / LGA1151
Celeron G3900TE (Skylake-S/R0-SR2LU) / 35W / LGA1151
Chipset
Intel® Q170 Chipset
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 1866/2133MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x eDP
1 x LVDS
1 x DP++
eDP: resolution up to 4096x2304@ 60Hz
LVDS: resolution up to 1920x1080 @ 60Hz
DP++: resolution up to 4096x2304@ 60Hz
Triple Displays
DP++ + eDP + LVDS
EXPANSION
Interface
1 x Full-size Mini PCIe (USB/PCIe/SATA, SATA by default)
1 x Half-size Mini PCIe (USB/PCIe/SATA, Mini PCIe by default)
1 x PCIe x16 (Max. 75W)
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
1 x Intel® I219LM PCIe with iAMT11.0 (10/100/1000Mbps) (only Core i7/i5 supports iAMT)
1 x Intel® I211AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.0
Display
1 x DP++
INTERNAL I/O
USB
4 x USB 2.0 (2.00mm pitch)
Display
1 x LVDS LCD Panel Connector
1 x eDP
Audio
1 x Audio (Line-out/Mic-in)
1 x Speaker (3W amplifier)
SATA
2 x SATA 3.0 (up to 6Gb/s)
SMBus
1 x SMBus (2.00mm pitch)
Serial
2 x RS-232 (2.00mm pitch)
Others
1 x Intrusion (2.54mm pitch)
1 x CPU FAN (2.54mm pitch)
2 x SYS FAN (2.54mm pitch)
WATCHDOG TIMER
Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM2.0 (opt.)
POWER
Type
15~36V DC in
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Windows 7
Windows 10
Windows 8.1
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
457, 253 hrs @ 25°C; 270, 131 hrs @ 45°C; 171, 981 hrs @ 60°C
Calculation model: Telcordia Issue 2
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 16.34mm, Bottom Side: 4.2mm
Packing List
Optional Items
• 1 SD106-Q170 motherboard
• 1 COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• 1 Serial ATA data with power cable (Length: 500mm) 332-553001-005G
• USB port cable (Length: 200mm)
A81-001032-016G
• COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• Serial ATA data cable (Length: 500mm)
332-553001-005G
• Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
• Thermal solution (For 65W, Height:74.47mm)
A71-101158-000G
• I/O shield
A49-SD1060-000G
• I/O shield (Thin Type)
A49-SD1060-110G
• I/O shield (Thin Type Non Audio)
A49-SD1060-100G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com