Electronic Components Datasheet Search
  English  ▼

X  

SD103 Datasheet(PDF) 1 Page - DFI Inc

Part # SD103
Description  7/6th Gen Intel® CoreTM Thin Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

SD103 Datasheet(HTML) 1 Page - DFI Inc

  SD103 Datasheet HTML 1Page - DFI Inc SD103 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD101/SD103-Q170
Mechanical Drawing
Block Diagram
0.00
33.02
165.10
170.00
133.42
137.49
165.10
62.48
Features
7/6th Gen Intel® CoreTM
Thin Mini-ITX
Channel A
1866/2133MHz
Channel B
1866/2133MHz
HD Audio
(Line-out, Mic-in, S/PDIF)
LPC EXT-RS232/RS485
Module (Opt.)
USB 4x
USB 3.0
Q170
USB 4x
USB 2.0
SATA 3.0
DDR4 SODIMM
DDR4 SODIMM
Core i7/i5/i3
ASM1442
DDI
DVI-D
TMDS
Super IO
with WDT
USB 2.0
SATA 2x
PCIe x1
GLAN I210AT
PCIe x1
GLAN I219LM
PCIe x4 1x
PCIe x4
Digital I/O 8-bit
SMBus
SMBus
SPI BIOS
SPI Bus
Full-size
Mini PCIe/
mSATA
SATA 3.0 or
PCIe x1
USB 2.0
LPC Bus
RS-232/422/485 1x
RS-232 3x
H/W Monitor
DDI
HDMI/DP
ASM1442
PTN3460
eDP
LVDS
Half-size
Mini PCIe/
mSATA
USB 2.0
DP
(Opt.)
DP Bus (BOM Select)
SATA 3.0 or
PCIe x1
Ordering Information
Model Name
P/N
Memory
HDMI/DP++ GbE RS-232/422/485 RS-232 USB 3.0 USB 2.0 Power
Thermal Temp.
SD101-Q170NRM 770-SD1013-100G 2 SODIMM HDMI
2
1
3
4
4
12V DC-in
Active
0 to 60oC
SD103-Q170NRM 770-SD1033-100G 2 SODIMM HDMI
2
1
3
4
4
19V DC-in
Active
0 to 60oC
• 2 DDR4 SODIMM up to 32GB
• Three independent displays: LVDS + DVI-I + HDMI*/DP
• DP resolution up to 4096x2304 @ 60Hz
Dual Channel LVDS resolution up to 1920x1200 @ 60Hz
• Multiple expansion: 1 PCIe x4, 2 Mini PCIe
• Rich I/O: 2 Intel GbE, 4 COM, 4 USB 3.0, 4 USB 2.0
• LPC EXT-RS232/485 module extends additional 4 COM ports
Q170
Desktop
3 Displays
DDR4
LAN 2
DVI-I
PCIe x4
DDR4_1
SODIMM
LVDS LCD
Panel
LCD/Inverter
Power
COM 1-4
DDR4_2
SODIMM
LAN 1 USB 3.0
Mini PCIe
DC-in
HDMI
DIO
SMBus
SATA
Power
Intel Core
i7/i5/i3
Intel Q170
Mini PCIe
USB 2.0
SATA 3.0
CPU
Fan
System
Fan_1-2
DIO
Power
* The photos above refer to SD103-Q170.
* Populated by default
COM ESD
Protection
air gap ±15kv
15~36V
DC-in
Bottom View
LPC(Optional)
Thin
Mini-ITX
25mm
DFI's
Proprietary
Technology
2 Extension Modules for Additional 4 COM Ports
(via the LPC connector)
EXT-RS232
- 4 RS232
EXT-RS485
- 4 RS485
DFI Motherboard
EXT-RS232/RS485
Additional 4 COM


Similar Part No. - SD103

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SD103 RECTRON-SD103 Datasheet
80Kb / 1P
SCHOTTKY SWITCHING DIODE
logo
DFI Inc
SD103-H110 DFI-SD103-H110 Datasheet
1Mb / 2P
7/6th Gen Intel® CoreTM Thin Mini-ITX
logo
Dc Components
SD1030 DCCOM-SD1030 Datasheet
249Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Won-Top Electronics
SD1030 WTE-SD1030 Datasheet
64Kb / 4P
10A SCHOTTKY BARRIER DIODE
SD1030 WTE-SD1030 Datasheet
68Kb / 4P
10A SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WM343-KD330 DFI-WM343-KD330 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com