Electronic Components Datasheet Search
  English  ▼

X  

M261 Datasheet(PDF) 1 Page - Solid State Inc

Part # M261
Description  Low On-resistance (1 ohm MAX)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

M261 Datasheet(HTML) 1 Page - Solid State Inc

  M261 Datasheet HTML 1Page - Solid State Inc M261 Datasheet HTML 2Page - Solid State Inc M261 Datasheet HTML 3Page - Solid State Inc M261 Datasheet HTML 4Page - Solid State Inc M261 Datasheet HTML 5Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M261
1 Form A
Solid State Relay
The M261 is a bi-directional, single-pole, single-throw, normally open solid-state relay. It offers low on-resistance and high load current
ratings in an ultra miniature 4 pin SOP package. The relay consists of an AlGaAs infrared LED, optically coupled to an IC, which in turn
drives two back to back enhancement type DMOS transistors.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Low On-resistance (1 ohm MAX)
•
High Load Current Rating (400mA continuous)
•
Low input current (2.5 mA TYP)
•
Miniature 4 pin SOP package
•
High input-output isolation (1500Vrms)
•
Solid state reliability
•
Multiplexers
•
Meter Reasing Systems
•
Data Acquisition
•
Medical Equipment
•
Battery Monitoring
•
Security Systems
•
Tape and Reel packing option (2,000pcs/reel)
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
125
Continuous Forward
Current
mA
50
Peak Forward Current
(1us)
A
1
Reverse Input Control
Voltage
V
5
Output Power Dissipation
mW
400
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL File # E201932
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
M261
rev 1.41 (2/18/2009)
© 2009 Solid State Optronics • San José, CA


Similar Part No. - M261

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M261 SSOUSA-M261 Datasheet
177Kb / 5P
Solid State Relay
logo
Nuvoton Technology Corp...
M261 NUVOTON-M261 Datasheet
10Mb / 398P
Arm짰 Cortex짰-M 32-bit Microcontroller
logo
Monolithic Power System...
M26123 MPS-M26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
More results

Similar Description - M261

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6680GM A-POWER-AP6680GM Datasheet
85Kb / 6P
Low On-Resistance, High Vgs Max Rating Voltage
logo
Analog Devices
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
1 OHM Typical On Resistance
REV. A
logo
Assmann Electronics Inc...
AK672M-2-3-GR ASSMANN-AK672M-2-3-GR Datasheet
206Kb / 1P
CONDUCT RESISTANCE : 2 OHM MAX
AK-310300-020-S ASSMANN-AK-310300-020-S Datasheet
541Kb / 1P
CONTACT RESISTANCE 3 OHM MAX
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
AD6C541 SSOUSA-AD6C541_15 Datasheet
346Kb / 8P
Low On Resistance (1 Max)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
Low on-resistance (0.35 ohm TYP)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com