Electronic Components Datasheet Search
  English  ▼

X  

LT1007A Datasheet(PDF) 16 Page - Texas Instruments

Part # LT1007A
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007A Datasheet(HTML) 16 Page - Texas Instruments

Back Button LT1007A Datasheet HTML 12Page - Texas Instruments LT1007A Datasheet HTML 13Page - Texas Instruments LT1007A Datasheet HTML 14Page - Texas Instruments LT1007A Datasheet HTML 15Page - Texas Instruments LT1007A Datasheet HTML 16Page - Texas Instruments LT1007A Datasheet HTML 17Page - Texas Instruments LT1007A Datasheet HTML 18Page - Texas Instruments LT1007A Datasheet HTML 19Page - Texas Instruments LT1007A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
16
TYPICAL CHARACTERISTICS
VCC
± = ± 15 V
AV = – 1
TA = 25°C
8
6
4
2
0
–2
–4
–6
16
14
12
10
8
6
4
2
t – Time –
µs
0
–8
TA = 25°C
CL = 15 pF
AV = 1
VCC
± = ±15 V
80
60
40
20
0
–20
–40
–60
–80
t – Time –
µs
4
3.5
3
2.5
2
1.5
1
0.5
0
LT1007
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
LT1007
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
Figure 33
Figure 34
APPLICATION INFORMATION
general
The LT1007- and LT1037-series devices may be inserted directly into OP-07, OP-27, OP-37, and 5534 sockets
with or without removal of external-compensation or nulling components. In addition, the LT1007 and LT1037
may be fitted to
µA741 sockets by removing or modifying external nulling components.
offset voltage adjustment
The input offset voltage and its change with temperature of the LT1007 and LT1037 are permanently trimmed
to a low level at wafer testing . However, if further adjustment of VIO is necessary, the use of a 10-kΩ nulling
potentiometer, as shown in Figure 35, will not degrade drift with temperature. Trimming to a value other than
zero creates a drift of VIO/300 µV/°C (e.g., if VIO is adjusted to 300 µV, the change in temperature coefficient
will be 1
µV/°C).
The adjustment range with a 10-k
Ω potentiometer is approximately ±2.5 mV. If a smaller adjustment range is
needed, the sensitivity and resolution of the nulling can be improved by using a smaller potentiometer in
conjunction with fixed resistors. The example in Figure 36 has an approximate null range of
±200 µV.
offset voltage and drift
Unless proper care is exercised, thermocouple effects at the contacts to the input terminals, caused by
temperature gradients across dissimilar metals, can exceed the inherent temperature coefficient of the amplifier.
Air currents should be minimized, package leads should be short, input leads should be close together, and input
leads should be at the same temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com