Electronic Components Datasheet Search
  English  ▼

X  

LT1007AMJG Datasheet(PDF) 19 Page - Texas Instruments

Part # LT1007AMJG
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007AMJG Datasheet(HTML) 19 Page - Texas Instruments

Back Button LT1007AMJG Datasheet HTML 15Page - Texas Instruments LT1007AMJG Datasheet HTML 16Page - Texas Instruments LT1007AMJG Datasheet HTML 17Page - Texas Instruments LT1007AMJG Datasheet HTML 18Page - Texas Instruments LT1007AMJG Datasheet HTML 19Page - Texas Instruments LT1007AMJG Datasheet HTML 20Page - Texas Instruments LT1007AMJG Datasheet HTML 21Page - Texas Instruments LT1007AMJG Datasheet HTML 22Page - Texas Instruments LT1007AMJG Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
19
APPLICATION INFORMATION
Special test precautions are required to measure the typical 60-nV peak-to-peak noise performance of the
LT1007 and LT1037:
1.
The device should be warmed up for at least five minutes. As the operational amplifier warms up, the offset
voltage typically changes 3
µV, due to the chip temperature increasing 10°C to 20°C from the moment the
power supplies are turned on. In the 10-second measurement interval, these temperature-induced effects
can easily exceed tens of nanovolts.
2.
The device must be well shielded from air currents to eliminate thermoelectric effects. In excess of a few
nanovolts, thermoelectric effects would invalidate the measurements.
3.
Sudden motion in the vicinity of the device can produce a feedthrough effect that increases observed noise.
When measuring noise on a large number of units, a noise-voltage density test is recommended. A 10-Hz
noise-voltage density measurement will correlate well with a 0.1-Hz to 10-Hz peak-to-peak noise reading since
both results are determined by the white noise and the location of the 1/f corner frequency.
Figure 40 shows a circuit that measures noise current and presents the formula for calculating noise current.
eno
500 k
Ω
10 k
Ω
500 k
Ω
100
Ω
In
+
[vn2
* (130 nV)2]1 2
1M
W x 100
Figure 40. Noise Test Circuit
The LT1007 and LT1037 achieve low noise, in part, by operating the input stage at 120
µA versus the typical
10
µA for most other operational amplifiers. Voltage noise is directly proportional to the square root of the stage
current; therefore, the LT1007 and LT1037 noise current is relatively high. At low frequencies, the low 1/f
current-noise corner frequency (
≈120 Hz) minimizes noise current to some extent.
In most practical applications, however, noise current will not limit system performance; this is illustrated in
Figure 27, where:
total noise = [(noise voltage)2(noise current x RS)2 + (resistor noise)2]1/2
Three regions can be identified as a function of source resistance:
(i)
RS ≤ 400 Ω
Voltage noise dominates in region (i)
(ii)
RS = 400 Ω to 50 kΩ at 1 kHz
Resistor noise dominates in region (ii)
RS = 400 Ω to 8 kΩ at 10 kHz
(iii)
RS > 50 Ω at 1 kHz
Current noise dominates in region (iii)
RS > 8 kΩ at 10 Hz
The LT1007 and LT1037 should not be used in region (iii) where total system noise is at least six times higher
than the noise voltage of the operational amplifier (i.e., the low-voltage noise specification is completely wasted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com